| データシートサーチシステム |
|
LT3580IDD データシート(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT3580IDD データシート(HTML) 2 Page - Linear Technology |
|
2 / 28 page ![]() LT3580 2 3580fg ABSOLUTE MAXIMUM RATINGS VIN Voltage................................................. –0.3V to 32V SW Voltage ................................................ –0.4V to 42V RT Voltage ................................................... –0.3V to 5V SS and FB Voltage .................................... –0.3V to 2.5V VC Voltage ................................................... –0.3V to 2V SHDN Voltage ............................................ –0.3V to 32V SYNC Voltage............................................ –0.3V to 5.5V (Note 1) TOP VIEW DD PACKAGE 8-LEAD (3mm 3mm) PLASTIC DFN 5 6 7 8 9 GND 4 3 2 1 FB VC VIN SW SYNC SS RT SHDN TJMAX = 125°C, θJA = 43°C/W EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB 1 2 3 4 FB VC VIN SW 8 7 6 5 SYNC SS RT SHDN TOP VIEW 9 GND MS8E PACKAGE 8-LEAD PLASTIC MSOP θJA = 35°C/W TO 40°C/W EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB PIN CONFIGURATION ORDER INFORMATION LEAD FREE FINISH TAPE AND REEL PART MARKING* PACKAGE DESCRIPTION TEMPERATURE RANGE LT3580EDD#PBF LT3580EDD#TRPBF LCXY 8-Lead (3mm × 3mm) Plastic DFN – 40°C to 125°C LT3580IDD#PBF LT3580IDD#TRPBF LCXY 8-Lead (3mm × 3mm) Plastic DFN – 40°C to 125°C LT3580EMS8E#PBF LT3580EMS8E#TRPBF LTDCJ 8-Lead Plastic MSOP – 40°C to 125°C LT3580IMS8E#PBF LT3580IMS8E#TRPBF LTDCJ 8-Lead Plastic MSOP – 40°C to 125°C LT3580HMS8E#PBF LT3580HMS8E#TRPBF LTDCJ 8-Lead Plastic MSOP – 40°C to 150°C LT3580MPMS8E#PBF LT3580MPMS8E#TRPBF LTDCJ 8-Lead Plastic MSOP – 55°C to 125°C Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for information on non-standard lead based finish parts. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/ Operating Junction Temperature Range LT3580E (Notes 2, 5)......................... –40°C to 125°C LT3580I (Notes 2, 5).......................... –40°C to 125°C LT3580H (Notes 2, 5) ........................–40°C to 150°C LT3580MP (Notes 2, 5) ..................... –55°C to 125°C Storage Temperature Range ..................–65°C to 150°C |