| データシートサーチシステム |
|
RL2550H-R001F データシート(PDF) 3 Page - Delta Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
RL2550H-R001F データシート(HTML) 3 Page - Delta Electronics, Inc. |
|
3 / 6 page ![]() SPECIFICATION FOR APPROVAL DOCUMENT : SMD40000NH REVISION : A0 PAGE : 3 OF 6 5. Characteristics Test Item Condition of Test Requirements Short Time Overload 2.5 * rated voltage for 5 seconds Refer to JIS C 5201-1 4.13 ∆R : ± (0.5%+0.0005 Ω) Without significant damage by flashover ( spark, arching ), burning or breakdown etc. Insulation Resistance The resistor shall be cramped in the metal block and tested , as shown below. Test voltage : 100 ± 15V DC for 1 minute Refer to JIS C 5201-1 4.6 Mounting condition G. Between Electrode and Protection Film 100M Ω or over Between Electrode and Substrate 1,000M Ω or over Voltage Proof The voltage : 100VAC (rms.) for 1 minute Refer to JIS C 5201-1 4.7 ∆R : ± (0.5%+0.0005 Ω) Without damage by flashover, fire or breakdown, as shown below. Thermal Shock -55 ~125℃ 5 cycles, 15 min at each extreme condition Refer to JIS C 5201-1 4.19 ∆R : ± (0.5%+0.0005 Ω) Without distinct damage in appearance Low Temperature Storage Kept at -55℃, 1,000 hours Refer to JIS C 5201-1 4.23.4 ∆R : ± (0.5%+0.0005 Ω) Without distinct damage in appearance High Temperature Exposure Kept at 125℃ for 1,000 hours Refer to JIS C 5201-1 4.23.2 ∆R : ± (0.5%+0.0005 Ω) Without distinct damage in appearance Solderability Temperature of Solder : 245 ± 5℃ Immersion Duration : 3 ± 0.5 second Refer to JIS C 5201-1 4.17 Uniform coating of solder cover minimum of 95% surface being immersed Resistance to Soldering Heat Dipped into solder at 270 ± 5℃ for 10 ± 1 seconds Refer to JIS C 5201-1 4.18 ∆R : ± (0.5%+0.0005 Ω) Without distinct deformation in appearance |