データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STFI15N65M5 データシート(PDF) 10 Page - STMicroelectronics

部品番号 STFI15N65M5
部品情報  N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI15N65M5 データシート(HTML) 10 Page - STMicroelectronics

Back Button STFI15N65M5 Datasheet HTML 6Page - STMicroelectronics STFI15N65M5 Datasheet HTML 7Page - STMicroelectronics STFI15N65M5 Datasheet HTML 8Page - STMicroelectronics STFI15N65M5 Datasheet HTML 9Page - STMicroelectronics STFI15N65M5 Datasheet HTML 10Page - STMicroelectronics STFI15N65M5 Datasheet HTML 11Page - STMicroelectronics STFI15N65M5 Datasheet HTML 12Page - STMicroelectronics STFI15N65M5 Datasheet HTML 13Page - STMicroelectronics STFI15N65M5 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Package mechanical data
STF15N65M5, STFI15N65M5, STP15N65M5
10/17
Doc ID 022863 Rev 2
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com