| データシートサーチシステム |
|
MPC8358ECVVADDGA データシート(PDF) 49 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8358ECVVADDGA データシート(HTML) 49 Page - Freescale Semiconductor, Inc |
|
49 / 102 page ![]() MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5 Freescale Semiconductor 49 PCI DC Electrical Characteristics This figure provides the AC test load for the I2C. Figure 34. I2C AC Test Load This figure shows the AC timing diagram for the I2C bus. Figure 35. I2C Bus AC Timing Diagram 12 PCI This section describes the DC and AC electrical specifications for the PCI bus of the MPC8360E/58E. 12.1 PCI DC Electrical Characteristics This table provides the DC electrical characteristics for the PCI interface of the device. 12.2 PCI AC Electrical Specifications This section describes the general AC timing parameters of the PCI bus of the device. Note that the PCI_CLK or PCI_SYNC_IN signal is used as the PCI input clock depending on whether the device is configured as a host or agent device. This table provides the PCI AC timing specifications at 66 MHz. . Table 46. PCI DC Electrical Characteristics Parameter Symbol Test Condition Min Max Unit High-level input voltage VIH VOUT ≥ VOH (min) or 0.5 × OVDD OVDD + 0.5 V Low-level input voltage VIL VOUT ≤VOL (max) -0.5 0.3 × OVDD V High-level output voltage VOH IOH = –500 μA0.9 × OVDD —V Low-level output voltage VOL IOL = 1500 μA — 0.1 × OVDD V Input current IIN 0 V ≤VIN1 ≤OVDD —±10 μA Table 47. PCI AC Timing Specifications at 66 MHz Parameter Symbol1 Min Max Unit Notes Clock to output valid tPCKHOV —6.0 ns 2, 5 Output hold from clock tPCKHOX 1— ns 2 Output Z0 = 50 Ω OVDD/2 RL = 50 Ω Sr S SDA SCL tI2CF tI2SXKL tI2CL tI2CH tI2DXKL tI2DVKH tI2SXKL tI2SVKH tI2KHKL tI2PVKH tI2CR tI2CF PS |