| データシートサーチシステム |
|
RL1632H-R140J データシート(PDF) 2 Page - DAESAN ELECTRONIC CORP. |
|
|
|||||||||||||||||||||||||||||
RL1632H-R140J データシート(HTML) 2 Page - DAESAN ELECTRONIC CORP. |
|
2 / 7 page ![]() SPECIFICATION FOR APPROVAL DOCUMENT : SM440000NH REVISION : A0 PAGE : 2 OF 7 4. Ratings Power Ratings* 1/2W Resistance Value 5~150m Ω Resistance Tolerance ± 1%(F) , ± 2%(G) , ± 5%(J) Temperature Coefficient of Resistance ( ≤10mΩ) ± 100ppm/℃ (>10m Ω) ± 50ppm/℃ Operation Temperature Range -55℃ ~ +170℃ Insulation Resistance Over 100M Ω Maximum Working Voltage (V) ( P*R) 1/2 Note * : Power ratings is based on continuous full load operation at rated ambient temperature of 70℃. For resistors operated at ambient temperature in excess of 70℃, the maximum load shall be derated in accordance with the following curve. AMBIENT TEMPERATURE( ) ℃ 0 170 70 100 -55 Figure 2.:Power Temperature Derating Curve |