| データシートサーチシステム |
|
OP07CPZ データシート(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP07CPZ データシート(HTML) 3 Page - Analog Devices |
|
3 / 16 page ![]() Data Sheet OP07 Rev. G | Page 3 of 16 SPECIFICATIONS OP07E ELECTRICAL CHARACTERISTICS VS = ±15 V, unless otherwise noted. Table 1. Parameter Symbol Conditions Min Typ Max Unit INPUT CHARACTERISTICS TA = 25°C Input Offset Voltage1 VOS 30 75 μV Long-Term VOS Stability2 VOS/Time 0.3 1.5 μV/Month Input Offset Current IOS 0.5 3.8 nA Input Bias Current IB ±1.2 ±4.0 nA Input Noise Voltage en p-p 0.1 Hz to 10 Hz3 0.35 0.6 μV p-p Input Noise Voltage Density en fO = 10 Hz 10.3 18.0 nV/√Hz fO = 100 Hz3 10.0 13.0 nV/√Hz fO = 1 kHz 9.6 11.0 nV/√Hz Input Noise Current In p-p 14 30 pA p-p Input Noise Current Density In fO = 10 Hz 0.32 0.80 pA/√Hz fO = 100 Hz3 0.14 0.23 pA/√Hz fO = 1 kHz 0.12 0.17 pA/√Hz Input Resistance, Differential Mode4 RIN 15 50 MΩ Input Resistance, Common Mode RINCM 160 GΩ Input Voltage Range IVR ±13 ±14 V Common-Mode Rejection Ratio CMRR VCM = ±13 V 106 123 dB Power Supply Rejection Ratio PSRR VS = ±3 V to ±18 V 5 20 μV/V Large Signal Voltage Gain AVO RL ≥ 2 kΩ, VO = ±10 V 200 500 V/mV RL ≥ 500 Ω, VO = ±0.5 V, VS = ±3 V4 150 400 V/mV 0°C ≤ TA ≤ 70°C Input Offset Voltage1 VOS 45 130 μV Voltage Drift Without External Trim4 TCVOS 0.3 1.3 μV/°C Voltage Drift with External Trim3 TCVOSN RP = 20 kΩ 0.3 1.3 μV/°C Input Offset Current IOS 0.9 5.3 nA Input Offset Current Drift TCIOS 8 35 pA/°C Input Bias Current IB ±1.5 ±5.5 nA Input Bias Current Drift TCIB 13 35 pA/°C Input Voltage Range IVR ±13 ±13.5 V Common-Mode Rejection Ratio CMRR VCM = ±13 V 103 123 dB Power Supply Rejection Ratio PSRR VS = ±3 V to ±18 V 7 32 μV/V Large Signal Voltage Gain AVO RL ≥ 2 kΩ, VO = ±10 V 180 450 V/mV OUTPUT CHARACTERISTICS TA = 25°C Output Voltage Swing VO RL ≥ 10 kΩ ±12.5 ±13.0 V RL ≥ 2 kΩ ±12.0 ±12.8 V RL ≥ 1 kΩ ±10.5 ±12.0 V 0°C ≤ TA ≤ 70°C Output Voltage Swing VO RL ≥ 2 kΩ ±12 ±12.6 V |