| データシートサーチシステム |
|
ADP1713AUJZ-0.8-R71 データシート(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1713AUJZ-0.8-R71 データシート(HTML) 16 Page - Analog Devices |
|
16 / 16 page ![]() ADP1712/ADP1713/ADP1714 Rev. A | Page 16 of 16 Model Temperature Range Output Voltage (V) Package Description Package Option Branding ADP1713AUJZ-1.3-R71 –40°C to +125°C 1.30 5-Lead TSOT UJ-5 L54 ADP1713AUJZ-1.5-R71 –40°C to +125°C 1.50 5-Lead TSOT UJ-5 L55 ADP1713AUJZ-1.8-R71 –40°C to +125°C 1.80 5-Lead TSOT UJ-5 L56 ADP1713AUJZ-2.5-R71 –40°C to +125°C 2.50 5-Lead TSOT UJ-5 L57 ADP1713AUJZ-3.0-R71 –40°C to +125°C 3.00 5-Lead TSOT UJ-5 L58 ADP1713AUJZ-3.3-R71 –40°C to +125°C 3.30 5-Lead TSOT UJ-5 L59 ADP1714AUJZ-0.75R71 –40°C to +125°C 0.75 5-Lead TSOT UJ-5 L5A ADP1714AUJZ-0.8-R71 –40°C to +125°C 0.80 5-Lead TSOT UJ-5 L5C ADP1714AUJZ-0.85R71 –40°C to +125°C 0.85 5-Lead TSOT UJ-5 L5D ADP1714AUJZ-0.9-R71 –40°C to +125°C 0.90 5-Lead TSOT UJ-5 L5E ADP1714AUJZ-0.95R71 –40°C to +125°C 0.95 5-Lead TSOT UJ-5 L5F ADP1714AUJZ-1.0-R71 –40°C to +125°C 1.00 5-Lead TSOT UJ-5 L5G ADP1714AUJZ-1.05R71 –40°C to +125°C 1.05 5-Lead TSOT UJ-5 L5H ADP1714AUJZ-1.1-R71 –40°C to +125°C 1.10 5-Lead TSOT UJ-5 L5J ADP1714AUJZ-1.15R71 –40°C to +125°C 1.15 5-Lead TSOT UJ-5 L5K ADP1714AUJZ-1.2-R71 –40°C to +125°C 1.20 5-Lead TSOT UJ-5 L5L ADP1714AUJZ-1.3-R71 –40°C to +125°C 1.30 5-Lead TSOT UJ-5 L5M ADP1714AUJZ-1.5-R71 –40°C to +125°C 1.50 5-Lead TSOT UJ-5 L5N ADP1714AUJZ-1.8-R71 –40°C to +125°C 1.80 5-Lead TSOT UJ-5 L5P ADP1714AUJZ-2.5-R71 –40°C to +125°C 2.50 5-Lead TSOT UJ-5 L5Q ADP1714AUJZ-3.0-R71 –40°C to +125°C 3.00 5-Lead TSOT UJ-5 L5R ADP1714AUJZ-3.3-R71 –40°C to +125°C 3.30 5-Lead TSOT UJ-5 L5S ADP1712-3.3-EVALZ11 3.3 ADP1712 Fixed 3.3 V Output with Soft Start Evaluation Board ADP1712-EVALZ11 Adjustable, but set to 1.6 ADP1712 Adjustable Output Evaluation Board ADP1713-3.3-EVALZ11 3.3 ADP1713 Fixed 3.3 V Output with Bypass Evaluation Board ADP1714-3.3-EVALZ11 3.3 ADP1714 Fixed 3.3 V Output with Track Mode Evaluation Board 1 Z = RoHS Compliant Part. ©2007–2009 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D06455-0-6/09(A) ©2007–2009 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D06455-0-6/09(A) |