| データシートサーチシステム |
|
IXTT16N20D2 データシート(PDF) 2 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXTT16N20D2 データシート(HTML) 2 Page - IXYS Corporation |
|
2 / 6 page ![]() IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions. IXTH16N20D2 IXTT16N20D2 Symbol Test Conditions Characteristic Values (T J = 25°C, Unless Otherwise Specified) Min. Typ. Max. g fs V DS = 20V, ID = 8A, Note 1 7 12 S C iss 5500 pF C oss V GS = -10V, VDS = 25V, f = 1MHz 1360 pF C rss 607 pF t d(on) 46 ns t r 130 ns t d(off) 270 ns t f 135 ns Q g(on) 208 nC Q gs V GS = + 5V, VDS = 100V, ID = 8A 28 nC Q gd 110 nC R thJC 0.18 °C/W R thCS 0.21 °C/W Safe-Operating-Area Specification Characteristic Values Symbol Test Conditions Min. Typ. Max. SOA V DS = 200V, ID = 2.1A, TC = 75°C, tp = 5s 420 W Source-Drain Diode Symbol Test Conditions Characteristic Values (T J = 25°C, Unless Otherwise Specified) Min. Typ. Max. V SD I F = 16A, VGS = -10V, Note 1 0.8 1.3 V t rr 265 ns I RM 14.3 A Q RM 1.9 μC IXYS MOSFETs and IGBTs are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 B1 6,683,344 6,727,585 7,005,734 B2 7,157,338B2 by one or more of the following U.S. patents: 4,860,072 5,017,508 5,063,307 5,381,025 6,259,123 B1 6,534,343 6,710,405 B2 6,759,692 7,063,975 B2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 B1 6,583,505 6,710,463 6,771,478 B2 7,071,537 Note 1. Pulse test, t ≤ 300μs, duty cycle, d ≤ 2%. Resistive Switching Times V GS = + 5V, VDS = 100V, ID = 8A R G = 3.3Ω (External) I F = 8A, -di/dt = 100A/μs V R = 100V, VGS = -10V e ∅ P TO-247 Outline 1 2 3 Terminals: 1 - Gate 2 - Drain 3 - Source Dim. Millimeter Inches Min. Max. Min. Max. A 4.7 5.3 .185 .209 A 1 2.2 2.54 .087 .102 A 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 C .4 .8 .016 .031 D 20.80 21.46 .819 .845 E 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 L 19.81 20.32 .780 .800 L1 4.50 .177 ∅P 3.55 3.65 .140 .144 Q 5.89 6.40 0.232 0.252 R 4.32 5.49 .170 .216 S 6.15 BSC 242 BSC TO-268 Outline Terminals: 1 - Gate 2 - Drain 3 - Source Tab - Drain PRELIMINARY TECHNICAL INFORMATION The product presented herein is under development. The Technical Specifications offered are derived from data gathered during objective characterizations of preliminary engineering lots; but also may yet contain some information supplied during a pre-production design evaluation. IXYS reserves the right to change limits, test conditions, and dimensions without notice. |