データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7476SRTZ-R23 データシート(PDF) 6 Page - Analog Devices

部品番号 AD7476SRTZ-R23
部品情報  1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7476SRTZ-R23 データシート(HTML) 6 Page - Analog Devices

Back Button AD7476SRTZ-R23 Datasheet HTML 2Page - Analog Devices AD7476SRTZ-R23 Datasheet HTML 3Page - Analog Devices AD7476SRTZ-R23 Datasheet HTML 4Page - Analog Devices AD7476SRTZ-R23 Datasheet HTML 5Page - Analog Devices AD7476SRTZ-R23 Datasheet HTML 6Page - Analog Devices AD7476SRTZ-R23 Datasheet HTML 7Page - Analog Devices AD7476SRTZ-R23 Datasheet HTML 8Page - Analog Devices AD7476SRTZ-R23 Datasheet HTML 9Page - Analog Devices AD7476SRTZ-R23 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD7476/AD7477/AD7478
Rev. F | Page 6 of 24
Parameter
A Version1,2
S Version1,2
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD
2.7/5.25
2.7/5.25
V min/max
IDD
Digital I/Ps = 0 V or VDD
Normal Mode (Static)
2
2
mA typ
VDD = 4.75 V to 5.25 V; SCLK on or off
1
1
mA typ
VDD = 2.7 V to 3.6 V; SCLK on or off
Normal Mode (Operational)
3.5
3.5
mA max
VDD = 4.75 V to 5.25 V; fSAMPLE = 1 MSPS
1.6
1.6
mA max
VDD = 2.7 V to 3.6 V; fSAMPLE = 1 MSPS
Full Power-Down Mode
1
1
μA max
SCLK off
80
80
μA max
SCLK on
Power Dissipation5
Normal Mode (Operational)
17.5
17.5
mW max
VDD = 5 V; fSAMPLE = 1 MSPS
4.8
4.8
mW max
VDD = 3 V; fSAMPLE = 1 MSPS
Full Power-Down
5
5
μW max
VDD = 5 V; SCLK off
1 Temperature range for A version is −40°C to +85°C; temperature range for S version is −55°C to +125°C.
2 Operational from VDD = 2.0 V, with input high voltage, VINH = 1.8 V minimum.
3 See the Terminology section.
4 Guaranteed by characterization.
5 See the Power vs. Throughput Rate section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24