データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

APL3518 データシート(PDF) 5 Page - Anpec Electronics Coropration

部品番号 APL3518
部品情報  USB Power-Distribution Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANPEC [Anpec Electronics Coropration]
ホームページ  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3518 データシート(HTML) 5 Page - Anpec Electronics Coropration

  APL3518 Datasheet HTML 1Page - Anpec Electronics Coropration APL3518 Datasheet HTML 2Page - Anpec Electronics Coropration APL3518 Datasheet HTML 3Page - Anpec Electronics Coropration APL3518 Datasheet HTML 4Page - Anpec Electronics Coropration APL3518 Datasheet HTML 5Page - Anpec Electronics Coropration APL3518 Datasheet HTML 6Page - Anpec Electronics Coropration APL3518 Datasheet HTML 7Page - Anpec Electronics Coropration APL3518 Datasheet HTML 8Page - Anpec Electronics Coropration APL3518 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Apr., 2011
APL3518/9
www.anpec.com.tw
5
Typical Operating Characteristics
Switch On Resistance vs.
Ambient Temperature
Switch On Resistance vs.
Input Voltage
Supply Current vs.
Junction Temperature
Supply Current vs. Input Voltage
Current Limit Threshold vs.
Junction Temperature
Current Limit Threshold vs.
Input Voltage
-50
0
50
100
150
Ambient Temperature (oC)
30
40
50
60
70
80
90
100
110
120
V
IN =5V, IOUT =1A
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
30
40
50
60
70
80
90
100
110
120
I
OUT =1A, TA=25
o
C
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
20
25
30
35
40
45
50
55
60
R
LOAD = Open,
C
IN =COUT =33µF/Electrolytic, TA=25
o
C
0
20
40
60
80
100
o
C
-50
0
50
100
150
)
Junction Temperature (
V
IN =5V, RLOAD = Open,
C
IN =COUT =33µF/Electrolytic
APL3518A/B, APL3519A/B
APL3518C/D, APL3519C/D
o
C
-50
0
50
100
150
)
Junction Temperature (
V
IN =5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
APL3518A/B, APL3519A/B
APL3518C/D, APL3519C/D
T
A =25
o
C
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com