| データシートサーチシステム |
|
CDBA220LR-HF データシート(PDF) 3 Page - Comchip Technology |
|
|
|||||||||||||||||||||||||||||
CDBA220LR-HF データシート(HTML) 3 Page - Comchip Technology |
|
3 / 4 page ![]() Low VF Low IR SMD Schottky Barrier Rectifiers Page 3 REV:A QW-JL020 Comchip Technology CO., LTD. Reel Taping Specification Trailer Device Leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... End Start T C Direction of Feed Index hole d E F B W P P0 P1 A D1 D2 D W1 B C d D D2 D1 SYMBOL (mm) (inch) 2.441 MIN. 1.50 ± 0.10 62.0 MIN. 13.50 ± 0.50 330 ± 2.00 0.059 ± 0.004 12.99 ± 0.079 0.531 ± 0.020 2.70 ± 0.10 0.106 ± 0.004 5.30 ± 0.10 0.209 ± 0.004 2.66 ± 0.10 0.105 ± 0.004 (SMA) DO-214AC 4.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.10 12.0 ± 0.30 18.40 ± 1.00 SYMBOL (mm) (inch) 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.004 0.724 ± 0.039 E F P P0 P1 W W1 1.75 ± 0.10 0.069 ± 0.004 5.50 ± 0.10 0.217 ± 0.004 0.60 ± 0.10 0.236 ± 0.004 T 0.472 ± 0.012 (SMA) DO-214AC A |