データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

APA0713 データシート(PDF) 13 Page - Anpec Electronics Coropration

部品番号 APA0713
部品情報  1.1W Mono Low-Voltage Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANPEC [Anpec Electronics Coropration]
ホームページ  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0713 データシート(HTML) 13 Page - Anpec Electronics Coropration

Back Button APA0713 Datasheet HTML 9Page - Anpec Electronics Coropration APA0713 Datasheet HTML 10Page - Anpec Electronics Coropration APA0713 Datasheet HTML 11Page - Anpec Electronics Coropration APA0713 Datasheet HTML 12Page - Anpec Electronics Coropration APA0713 Datasheet HTML 13Page - Anpec Electronics Coropration APA0713 Datasheet HTML 14Page - Anpec Electronics Coropration APA0713 Datasheet HTML 15Page - Anpec Electronics Coropration APA0713 Datasheet HTML 16Page - Anpec Electronics Coropration APA0713 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Apr., 2012
APA0713
www.anpec.com.tw
13
Application Information (Cont.)
Power Dissipation (Cont.)
For SOP-8 package, the thermal resistance (
θ
JA) is equal
to 200οC/W, respectively.
Since the maximum junction temperature (T
J,MAX) o f
APA0713 is 170οC and the ambient temperature (T
A) is
defined by the power system design, the maximum
power dissipation which the IC package is able to handle
can be obtained from equation 11. Once the power dissi-
pation is greater than the maximum limit (P
D,MAX), either
the supply voltage (V
DD) must be decreased, the load im-
pedance (R
L) must be increased, or the ambient tem-
perature should be reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19