| データシートサーチシステム |
|
E3F2-R2RC41-P1 データシート(PDF) 7 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3F2-R2RC41-P1 データシート(HTML) 7 Page - Omron Electronics LLC |
|
7 / 24 page ![]() Photoelectric Sensors E3F2 7 ■ Ratings / Characteristics of AC Switching Models Note: 1. For stable sensing distance in detail, please refer to “Engineering Data” 2. Typical sensing distance corresponds to 80% of the max. sensing distance. 3. The enclosure rating IP67 of OMRON internal standards correspond to stricter test requirements than the standard IEC 60529 (refer to chapter “Precautions”) Item E3F2-3Z1 E3F2-3Z2 E3F2-R2Z1 E3F2-R2Z2 E3F2-DS10Z1 E3F2-DS10Z2 Sensing method Through-beam Non-polarizing Retroreflective Diffuse reflective (wide-beam characteristic) Power supply voltage 24 to 240 VAC ±10%, 50 / 60 Hz Current consumption 10 mA max. 5 mA max. Rated sensing distance[1.] 3 m 0.1 - 2 m (with reflector E39-R1) 0.1 m (5 x 5 cm white mat paper) Typical sensing distance for dif- ferent reflector types [2.] – E39-R1: 3,4 m E39-R7: 3,9 m E39-R8: 5,2 m – Detectable object Opaque object: 11 mm min. Opaque object: 56 mm min. Opaque objects Directional angle 3° to 20° – Differential travel – 20% max. Response time 30 ms max. Control output AC solid state (SCR) 200 mA max.; residual voltage: 5 V max. at 200 mA Power reset time 100 ms Ambient illumination Incandescent lamp: 3000 lx max. Sunlight: 10000 lx max. Ambient temperature Operating: -25 to 55 °C / Storage: -30 to 70 °C (with no icing or condensation) Ambient humidity Operating: 35% to 85% / Storage: 35% to 95% (without condensation) Insulation resistance 20 M Ω min. at 500 V DC between energized parts and case Dielectric strength 1500 VAC, 50 / 60 Hz for 1 min between energized parts and case Vibration resistance 10 to 55 Hz, 1.5 mm double amplitude for 2 hrs each direction (X, Y, Z) Shock resistance 500 m/sqr (approx. 50 g) for each direction (X, Y, Z) Enclosure rating IP67 [3.]; NEMA 1, 2, 4 Light source Infrared LED (880 nm) Indicators Light incident/power indicator for light source (red) Sensitivity adjustment Fixed Connection method 2 m, 5 m pre-wired cable (PVC dia. 4 mm (14 / 0.15)) Operation mode Light-ON or Dark-ON (fixed) Circuit protection None Weight (approx.) 110 g (pre-wired 2 m cable) Housing materials Plastic (case: ABS; lens: PMMA) |