| データシートサーチシステム |
|
CRCW201082K5FSTA データシート(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
CRCW201082K5FSTA データシート(HTML) 2 Page - Vishay Siliconix |
|
2 / 8 page ![]() Document Number: 20008 For technical questions, contact: thickfilmchip@vishay.com www.vishay.com Revision: 18-Nov-10 119 D/CRCW Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors Vishay Note (1) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 155 °C is not exceeded. Note (2) Preferred way for ordering products is by use of the PART NUMBER. TECHNICAL SPECIFICATIONS PARAMETER UNIT D10/ CRCW0402 D11/ CRCW0603 D12/ CRCW0805 D25/ CRCW1206 CRCW1210 CRCW1218 CRCW2010 CRCW2512 Rated dissipation at 70 °C (1) W 0.063 0.1 0.125 0.25 0.5 1.0 0.75 1.0 Limiting element voltage UMAX. AC/DC V 50 75 150 200 200 200 400 500 Insulation voltage UINS. (1 min) V > 75 > 100 > 200 > 300 > 300 > 300 > 300 > 300 Insulation resistance Ω > 109 Category temperature range °C - 55 to + 155 Failure rate h-1 < 0.1 x 10-9 Weight mg 0.65 2 5.5 10 16 29.5 25.5 40.5 PART NUMBER AND PRODUCT DESCRIPTION Part Number: CRCW0805562RFKTA (2) MODEL VALUE TOLERANCE TCR PACKAGING SPECIAL CRCW0402 CRCW0603 CRCW0805 CRCW1206 CRCW1210 CRCW1218 CRCW2010 CRCW2512 R = Decimal K = Thousand M = Million 0000 = Jumper F = ± 1 % J = ± 5 % Z = Jumper K = ± 100 ppm/K N = ± 200 ppm/K S = Jumper or special TA TB TC TD TE TF TG TH TK Up to 2 digits Product Description: CRCW0805 100 562R 1 % RT1 CRCW0805 100 562R 1 % RT1 MODEL TCR RESISTANCE VALUE TOLERANCE PACKAGING CRCW0402 CRCW0603 CRCW0805 CRCW1206 CRCW1210 CRCW1218 CRCW2010 CRCW2512 ± 100 ppm/K ± 200 ppm/K 10R = 10 Ω 562R = 562 Ω 10K = 10.0 k Ω 1M = 1 M Ω 0R0 = Jumper ± 1 % ± 5 % RT1 RT5 RT6 RT7 RF4 R02 R67 R82 RT9 C R C W 0 8 0 5 5 6 2 R F K T A |