| データシートサーチシステム |
|
E3F2-R4C4F-M データシート(PDF) 14 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3F2-R4C4F-M データシート(HTML) 14 Page - Omron Electronics LLC |
|
14 / 24 page ![]() 14 Photoelectric Sensors E3F2 ■ NPN Output Model Output transistor status Timing chart Connection method Output circuit E3F2- @C4-@ (except for E3F2-10C4- @ and E3F2-LS10C4- @) – – Through-beam emitter ON when light is incident. (Light-ON) Connect the pink (Pin ) and brown (Pin ) cords or open the pink cord (Pin ). ON when light is interrupted. (Dark- ON) Connect the pink (Pin ) and blue (Pin ) cords. E3F2-10C4- @ – – Through-beam emitter ON when light is incident. (Light-ON) Connect the pink (Pin ) and brown (Pin ) cords or open the pink cord (Pin ). ON when light is interrupted. (Dark- ON) Connect the pink (Pin ) and blue (Pin ) cords. Main circuit 1 2 3 4 1 3 Connector Pin Arrangement 10 to 30 VDC 0 V Brown Blue Power indicator (red) Incident Interrupted ON OFF ON OFF Operate Release Output indicator (red) Output transistor Load (relay) 2 1 2 Output indicator Red Main circuit 1 2 3 4 1 2 3 4 Connector Pin Arrangement 10 to 30 VDC 100 mA max. Load 0 V Mode selection Brown Black Blue Pink ZD: VZ = 36 V Stability indicator* Green * Only on models E3F2-R4C4- @ and E3F2-D1C4- @ Incident Interrupted ON OFF ON OFF Operate Release Output indicator (red) Output transistor Load (relay) 2 3 Output indicator Red Main circuit 1 2 3 4 1 2 3 4 Connector Pin Arrangement 10 to 30 VDC 100 mA max. Load 0 V Mode selection Brown Black Blue Pink ZD: VZ = 36 V Stability indicator* Green * Only on models E3F2-R4C4- @ and E3F2-D1C4- @ ON OFF ON OFF ON OFF Test input Light emission Indicator Red Incident Interrupted ON OFF ON OFF Operate Release Output indicator (red) Output transistor Load (relay) 2 1 2 Light indicator Orange Main circuit 1 2 3 4 1 2 3 4 Connector Pin Arrangement 10 to 30 VDC 100 mA max. Load 0 V Mode selection Brown Black Blue Pink ZD: VZ = 36 V Incident Interrupted ON OFF ON OFF Operate Release Output indicator (orange) Output transistor Load (relay) 2 3 Light indicator Orange Main circuit 1 2 3 4 1 2 3 4 Connector Pin Arrangement 10 to 30 VDC 100 mA max. Load 0 V Mode selection Brown Black Blue Pink ZD: VZ = 36 V |