| データシートサーチシステム |
|
XS2F-D421-G80-R データシート(PDF) 2 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
XS2F-D421-G80-R データシート(HTML) 2 Page - Omron Electronics LLC |
|
2 / 24 page ![]() 2 Photoelectric Sensors E3F2 Ordering Information ■ DC-Switching Models Housing Material: Plastic Note: Shaded models are normally stocked. Note: Standard cable length is 2 m. Models provided with a 5 m long cable are available. When ordering, specify the cable length by adding the length of the cable (e.g. E3F2-R2RB4 2M or E3F2-R2RB4 5M). For other cable length please contact your OMRON sales representative. Sensing method Appearance Connection method Sensing distance Model PNP output NPN output Through-beam Multi purpose axial pre-wired 7 m E3F2-7B4 E3F2-7C4 M12 connector E3F2-7B4-P1 E3F2-7C4-P1 - precision detection (*1) - test input pre-wired 10 m E3F2-10B4 E3F2-10C4 M12 connector E3F2-10B4-P1 E3F2-10C4-P1 Retro- reflective (incl. reflector E39-R1 or E39-R1S) Non-polarizing (without MSR function) axial pre-wired 0.1 - 2 m(*2) E3F2-R2B4 E3F2-R2C4 M12 connector E3F2-R2B4-P1 E3F2-R2C4-P1 Polarizing (with MSR function) Fixed sensitivity pre-wired 0.1 - 4 m(*3) E3F2-R4B4F E3F2-R4C4F M12 connector E3F2-R4B4F-P1 E3F2-R4C4F-P1 Adjustable sensitivity pre-wired E3F2-R4B4 E3F2-R4C4 M12 connector E3F2-R4B4-P1 E3F2-R4C4-P1 Polarizing (with MSR function) radial pre-wired 0.1 - 2 m(*2) E3F2-R2RB41 E3F2-R2RC41 M12 connector E3F2-R2RB41-P1 E3F2-R2RC41-P1 Diffuse reflective Fixed sensitivity Wide-beam characteristics axial pre-wired 0.1 m E3F2-DS10B4-N E3F2-DS10C4-N M12 connector E3F2-DS10B4-P1 E3F2-DS10C4-P1 Adjustable sensitivity pre-wired 0.3 m E3F2-DS30B4 E3F2-DS30C4 M12 connector E3F2-DS30B4-P1 E3F2-DS30C4-P1 pre-wired 1 m E3F2-D1B4 E3F2-D1C4 M12 connector E3F2-D1B4-P1 E3F2-D1C4-P1 Adjustable sensitivity radial pre-wired 0.3 m E3F2-DS30B41 E3F2-DS30C41 M12 connector E3F2-DS30B41-P1 E3F2-DS30C41-P1 Background suppression Fixed sensing distance axial pre-wired 10 cm E3F2-LS10B4 E3F2-LS10C4 M12 connector E3F2-LS10B4-P1 E3F2-LS10C4-P1 *1) with slit E39-ES18 *2) with reflector E39-R1 *3) with reflector E39-R1S |