| データシートサーチシステム |
|
GTCX25-900M-R02 データシート(PDF) 1 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
GTCX25-900M-R02 データシート(HTML) 1 Page - Tyco Electronics |
|
1 / 5 page ![]() Gas Discharge Tubes GTCX25-XXXM-R02 Series Gas Discharge Tubes Document: SCD27304 Status: Released © 2008, 2011 Tyco Electronics Corporation, 1 Rev: B Date: MAY 11, 2011 a TE Connectivity Ltd. Company. All rights reserved. TE Circuit Protection 5mm 2Pole GDTs (ceramic gas discharge tubes), are commonly used to help protect sensitive telecom equipment such as communication lines, signal lines and data transmission lines from damage caused by transient surge voltages that typically result from lightning strikes and equipment switching operations. Raychem Circuit Protection GDTs offer a high level of surge protection, low capacitance and a broad array of breakover voltage levels, making them suitable for applications such as MDF (Main Distribution Frame) modules, high data-rate telecom applications (e.g. ADSL, VDSL), and surge protection on power lines. Raychem Circuit Protection GDTs, can help equipment meet the most stringent regulatory standards. Benefits: Compact, small form factor suitable for efficient assembly Helps provide overvoltage fault protection against high energy surges Suitable for high-frequency applications Features: 2Pole, 5mm devices Broad voltage range from 75V-600V Various form factors: surface mount, axial leads, no leads Low capacitance and insertion loss UL 497B recognized RoHS compliant Devices tested per ITU K.12 recommendations Non-radioactive materials Applications: Telecommunications • Industrial and consumer electronics, such as - MDF modules, xDSL equipment, RF system - Surge protectors protection, antenna, base station - Alarm system |
同様の部品番号 - GTCX25-900M-R02 |
|
同様の説明 - GTCX25-900M-R02 |