| データシートサーチシステム |
|
GTCX36-601M-R10 データシート(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
GTCX36-601M-R10 データシート(HTML) 2 Page - Tyco Electronics |
|
2 / 6 page ![]() GTCX35-XXX-R05 Series Gas Discharge Tubes Gas Discharge Tubes Document: SCD27380 © 2008, 2011 Tyco Electronics Corporation. Status: Released a TE Connectivity Ltd. Company. All rights reserved. Rev: C Date: MAY 18, 2011 2 GTCX36-XXXM-R10 Series Device Voltage Ratings and Part Marking Device Surge Rating, Capacitance, Insulation Resistance, UL Part Number DC Sparkover Impulse Sparkover DC Holdover Voltage On-State Voltage @100V/s ±20% Tolerance (V) @100 V s (V) @1000 V s (V) Per ITU K.12 (<150ms) (V) Nominal (@ 1A) (V) GTCX36-750M-R10 75 450 550 <52 20 GTCX36-900M-R10 90 450 550 <52 20 GTCX36-141M-R10 140 500 600 <80 20 GTCX36-151M-R10 150 500 600 <80 20 GTCX36-201M-R10 200 600 700 <135 20 GTCX36-231M-R10 230 600 700 <135 20 GTCX36-251M-R10 250 600 700 <135 20 GTCX36-261M-R10 260 700 800 <135 20 GTCX36-301M-R10 300 800 900 <150 20 GTCX36-351M-R10 350 900 1000 <150 20 GTCX36-401M-R10 400 900 1000 <150 20 GTCX36-421M-R10 420 900 1000 <150 20 GTCX36-471M-R10 470 1050 1150 <150 20 GTCX36-501M-R10 500 1100 1200 <150 20 GTCX36-551M-R10 550 1300 1400 <150 20 GTCX36-601M-R10 600 1300 1400 <150 20 Part Number Impulse Discharge Current Impulse Life AC Discharge Current (1sec duration; 10 hits) Capacitance Insulation Resistance UL Rating 8x20 s 10 hits 10x1000 s 300 hits @50 Hz @1Mhz @100V* UL497B #E179610 GTCX36-XXXM-R10 10kA 200A 10Arms <1pF 10,000 (M ) All Devices * Devices <=150V measured @ 50V. Devices >= 500V measured @ 250V |