| データシートサーチシステム |
|
2SA1013R データシート(PDF) 2 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
2SA1013R データシート(HTML) 2 Page - Toshiba Semiconductor |
|
2 / 5 page ![]() 2SA1013 2006-11-09 2 Electrical Characteristics (Ta = 25°C) Characteristics Symbol Test Condition Min Typ. Max Unit Collector cut-off current ICBO VCB = −150 V, IE = 0 ⎯ ⎯ −1.0 μA Emitter cut-off current IEBO VEB = −6 V, IC = 0 ⎯ ⎯ −1.0 μA Collector-emitter breakdown voltage V (BR) CEO IC = −10 mA, IB = 0 −160 ⎯ ⎯ V DC current gain hFE (Note) VCE = −5 V, IC = −200 mA 60 ⎯ 200 Collector-emitter saturation voltage VCE (sat) IC = −500 mA, IB = −50 mA ⎯ ⎯ −1.5 V Base-emitter voltage VBE VCE = −5 V, IC = −5 mA −0.45 ⎯ −0.75 V Transition frequency fT VCE = −5 V, IC = −200 mA 15 50 ⎯ MHz Collector output capacitance Cob VCB = −10 V, IE = 0, f = 1 MHz ⎯ ⎯ 35 pF Note: hFE classification R: 60 to 120, O: 100 to 200 Marking A1013 Lot No. A line indicates lead (Pb)-free package or lead (Pb)-free finish. Characteristics indicator Part No. (or abbreviation code) |