| データシートサーチシステム |
|
SD12-1R5-R データシート(PDF) 4 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
SD12-1R5-R データシート(HTML) 4 Page - Cooper Bussmann, Inc. |
|
4 / 7 page ![]() Direction of feed Ko SECTION A-A 1.5 Dia min. Bo B Ao A 8.0 8 0 4.00 2.00 ± 0.05 1.5 Dia. +0.1/-0.0 A A 1.75 5.50 12.0 +/-0.3 0 1 2 SD20/25 Series Dimensions are in millimeters. Direction of feed Ko SECTION A-A 1.5 Dia min. Bo Ao 8.0 4.00 2.00 ± 0.05 1.5 Dia. +0.1/-0.0 A A 1.75 5.50 12.0 +/-0.3 1 2 SD12/14/18 Series Packaging Information ACTUAL SIZE SD12 ACTUAL SIZE SD14 ACTUAL SIZE SD18 ACTUAL SIZE SD20 ACTUAL SIZE SD25 SD Series High Power Density, Low Profile, Shielded Inductors Ao=5.45mm Bo=5.45mm Ko=2.00mm Parts packaged on 13" Diameter reel, 3,800 parts per reel. Direction of feed Ko SECTION A-A 1.5 Dia min. Bo B Ao A 8.0 4.00 2.00 2 ± 0.05 1.5 Dia. +0.1/-0.0 A A 1.75 5.50 12.0 +/-0.3 0 1 2 SD10 Series ACTUAL SIZE SD10 Ao=5.45mm Bo=5.45mm Ko=1.20mm Parts packaged on 13" Diameter reel, 3,800 parts per reel. Ao=5.45mm Bo=5.45mm Ko=2.70mm Parts packaged on 13" Diameter reel, 2,900 parts per reel. Mechanical Diagrams TOP VIEW BOTTOM VIEW RECOMMENDED PCB LAYOUT SCHEMATIC 2 1 5.2 Max 5.2 Max a HT 1.5 Typ. Ref. 1 2 SIDE VIEW Pin # 1 identifier Part marking (Note A) 2 1 R2.250 2.975 5.950 2.975 2 4 PAD LAYOUT R2.250 5.95 9 1.0 2.975 2 5.15 2.575 2 2 PAD LAYOUT 5.950 9 (see chart below) Series HT SD10 1.0mm max SD12 1.2mm max SD14 1.45mm max SD18 1.8mm max SD20 2.0mm max SD25 2.5mm max SD Series A) Part Marking: Line 1: (1st digit indicates the inductance value per part marking designator in chart above) (2nd digit is a bi-weekly production date code) (3rd digit is the last digit of the year produced) Line 2: XX (indicates the product size code) |