データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV7282 データシート(PDF) 21 Page - Analog Devices

部品番号 ADV7282
部品情報  10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs and Deinterlacer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV7282 データシート(HTML) 21 Page - Analog Devices

Back Button ADV7282 Datasheet HTML 17Page - Analog Devices ADV7282 Datasheet HTML 18Page - Analog Devices ADV7282 Datasheet HTML 19Page - Analog Devices ADV7282 Datasheet HTML 20Page - Analog Devices ADV7282 Datasheet HTML 21Page - Analog Devices ADV7282 Datasheet HTML 22Page - Analog Devices ADV7282 Datasheet HTML 23Page - Analog Devices ADV7282 Datasheet HTML 24Page - Analog Devices ADV7282 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
ADV7282
Rev. A | Page 21 of 32
I2P FUNCTION
The advanced interlaced-to-progressive (I2P) function allows
the ADV7282/ADV7282-M to convert an interlaced video
input into a progressive video output. This function is performed
without the need for external memory. The ADV7282/
ADV7282-M use edge adaptive technology to minimize
video defects on low angle lines.
The I2P function is disabled by default. To enable the I2P func-
tion, use the recommended scripts from Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32