データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

REF02HZ データシート(PDF) 6 Page - Analog Devices

部品番号 REF02HZ
部品情報  Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

REF02HZ データシート(HTML) 6 Page - Analog Devices

Back Button REF02HZ Datasheet HTML 2Page - Analog Devices REF02HZ Datasheet HTML 3Page - Analog Devices REF02HZ Datasheet HTML 4Page - Analog Devices REF02HZ Datasheet HTML 5Page - Analog Devices REF02HZ Datasheet HTML 6Page - Analog Devices REF02HZ Datasheet HTML 7Page - Analog Devices REF02HZ Datasheet HTML 8Page - Analog Devices REF02HZ Datasheet HTML 9Page - Analog Devices REF02HZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REF01/REF02/REF03
Rev. K | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Input Voltage
36.0 V
Output Short Circuit Duration
Indefinite
Operating Temperature Range
REF01A, REF02A
−55°C to +125°C
REF01CP, REF01CS, REF01E, REF01H,
REF02CP, REF02CS, REF02E, REF02H,
REF03G
−40°C to +85°C
REF01CJ
0°C to +70°C
Storage Temperature Range
-J, -S, -Z and -RC Packages
−65°C to +150°C
-P Package
−65°C to +125°C
Junction Temperature Range (TJ)
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
8-lead SOIC (S)
130
43
°C/W
8-lead PDIP (P)
110
50
°C/W
8-lead CERDIP (Z)
162
26
°C/W
TO-99 (J)
170
24
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com