| データシートサーチシステム |
|
PIC24FJ64GA データシート(PDF) 44 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ64GA データシート(HTML) 44 Page - Microchip Technology |
|
44 / 52 page ![]() PIC24FJXXXGA0XX DS39768D-page 44 © 2008 Microchip Technology Inc. Step 15: Set the Read Pointer (W6) and load the (next four write) latches. 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 EB0300 000000 BB0BB6 000000 000000 BBDBB6 000000 000000 BBEBB6 000000 000000 BB1BB6 000000 000000 BB0BB6 000000 000000 BBDBB6 000000 000000 BBEBB6 000000 000000 BB1BB6 000000 000000 CLR W6 NOP TBLWTL [W6++], [W7] NOP NOP TBLWTH.B [W6++], [W7++] NOP NOP TBLWTH.B [W6++], [++W7] NOP NOP TBLWTL [W6++], [W7++] NOP NOP TBLWTL [W6++], [W7] NOP NOP TBLWTH.B [W6++], [W7++] NOP NOP TBLWTH.B [W6++], [++W7] NOP NOP TBLWTL [W6++], [W7++] NOP NOP Step 16: Repeat Steps 14-15, sixteen times, to load the write latches for the 64 instructions. Step 17: Initiate the programming cycle. 0000 0000 0000 A8E761 000000 000000 BSET NVMCON, #15 NOP NOP Step 18: Repeat this step to poll the WR bit (bit 15 of NVMCON) until it is cleared by the hardware. 0000 0000 0000 0000 0000 0001 0000 040200 000000 803B02 883C22 000000 <VISI> 000000 GOTO 0x200 NOP MOV NVMCON, W2 MOV W2, VISI NOP Clock out contents of the VISI register. NOP Step 19: Reset the device internal PC. 0000 0000 040200 000000 GOTO 0x200 NOP Step 20: Repeat Steps 14-19 until all 16 rows of executive memory have been programmed. On the final row, make sure to initialize the write latches at the Diagnostic and Calibration Words locations with 0xFFFFFF to ensure that the calibration is not overwritten. TABLE 5-5: PROGRAMMING THE PROGRAMMING EXECUTIVE (CONTINUED) Command (Binary) Data (Hex) Description |