データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8021 データシート(PDF) 19 Page - Analog Devices

部品番号 AD8021
部品情報  Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8021 データシート(HTML) 19 Page - Analog Devices

Back Button AD8021 Datasheet HTML 12Page - Analog Devices AD8021 Datasheet HTML 13Page - Analog Devices AD8021 Datasheet HTML 14Page - Analog Devices AD8021 Datasheet HTML 15Page - Analog Devices AD8021 Datasheet HTML 16Page - Analog Devices AD8021 Datasheet HTML 17Page - Analog Devices AD8021 Datasheet HTML 18Page - Analog Devices AD8021 Datasheet HTML 19Page - Analog Devices AD8021 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
AD5547/AD5557
Rev. D | Page 19 of 20
Table 12. Suitable Analog Devices High Speed Op Amps
Part No.
Supply Voltage (V)
BW @ ACL (MHz)
Slew Rate (V/µs)
V
OS (Max) (µV)
I
B (Max) (nA)
Package(s)
AD8065
5 to 24
145
180
1500
0.006
SOIC-8, SOT-23-5
AD8066
5 to 24
145
180
1500
0.006
SOIC-8, MSOP-8
AD8021
5 to 24
490
120
1000
10,500
SOIC-8, MSOP-8
AD8038
3 to 12
350
425
3000
750
SOIC-8, SC70-5
ADA4899
5 to 12
600
310
35
100
LFCSP-8, SOIC-8
AD8057
3 to 12
325
1000
5000
500
SOT-23-5, SOIC-8
AD8058
3 to 12
325
850
5000
500
SOIC-8, MSOP-8
AD8061
2.7 to 8
320
650
6000
350
SOT-23-5, SOIC-8
AD8062
2.7 to 8
320
650
6000
350
SOIC-8, MSOP-8
AD9631
±3 to ±6
320
1300
10,000
7000
SOIC-8, PDIP-8
Table 13 lists the latest DACS available from Analog Devices.
Table 13. ADI Current Output DACs
Model
Bits
Outputs
Interface
Package
Comments
AD5425
8
1
SPI, 8-Bit Load
MSOP-10
Fast 8-bit load; see also AD5426
AD5426
8
1
SPI
MSOP-10
See also AD5425 fast load
AD5450
8
1
SPI
TSOT-8
See also AD5425 fast load
AD5424
8
1
Parallel
TSSOP-16
AD5429
8
2
SPI
TSSOP-16
AD5428
8
2
Parallel
TSSOP-20
AD5432
10
1
SPI
MSOP-10
AD5451
10
1
SPI
TSOT-8
AD5433
10
1
Parallel
TSSOP-20
AD5439
10
2
SPI
TSSOP-16
AD5440
10
2
Parallel
TSSOP-24
AD5443
12
1
SPI
MSOP-10
See also AD5452 and AD5444
AD5452
12
1
SPI
TSOT-8
Higher accuracy version of AD5443; see also AD5444
AD5445
12
1
Parallel
TSSOP-20
AD5444
12
1
SPI
MSOP-10
Higher accuracy version of AD5443; see also AD5452
AD5449
12
2
SPI
TSSOP-16
AD5415
12
2
SPI
TSSOP-24
Uncommitted resistors
AD5447
12
2
Parallel
TSSOP-24
AD5405
12
2
Parallel
LFCSP-40
Uncommitted resistors
AD5453
14
1
SPI
TSOT-8
AD5553
14
1
SPI
MSOP-8
AD5556
14
1
Parallel
TSSOP-28
AD5446
14
1
SPI
MSOP-10
MSOP version of AD5453; compatible with AD5443, AD5432, and AD5426
AD5555
14
2
SPI
TSSOP-16
AD5557
14
2
Parallel
TSSOP-38
AD5543
16
1
SPI
MSOP-8
AD5546
16
1
Parallel
TSSOP-28
AD5545
16
2
SPI
TSSOP-16
AD5547
16
2
Parallel
TSSOP-38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20