| データシートサーチシステム |
|
CRF0805-FV-R020ELF データシート(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
CRF0805-FV-R020ELF データシート(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 3 page ![]() Dim. CRF0805 CRF1206 CRF2512 0.005 ~ 0.020 Ω 0.001 Ω 0.002 ~ 0.030 Ω 0.001 ~ 0.003 Ω 0.004 ~ 0.050 Ω A 1.4 (0.055) 1.8 (0.070) 1.8 (0.070) 4.0 (0.157) 4.0 (0.157) B 1.15 (0.045) 2.3 (0.090) 1.7 (0.066) 3.1 (0.122) 2.1 (0.083) L 1.2 (0.047) 1.0 (0.039) 1.6 (0.062) 1.3 (0.051) 4.1 (0.161) Dim. CRF0805 CRF1206 CRF2512 A 2.0 ± 0.10 (0.079 ± 0.004) 3.20 ± 0.20 (0.126 ± 0.008) 6.40 ± 0.20 (0.252 ± 0.008) B 1.25 ± 0.10 (0.049 ± 0.004) 1.65 ± 0.20 (0.064 ± 0.008) 3.20 ± 0.20 (0.126 ± 0.008) C 0.40 ± 0.20 (0.016 ± 0.008) 0.50 ± 0.30 (0.0197 ± 0.012) 0.95 ± 0.30 (0.037 ± 0.012) T 0.60 ± 0.20 (0.024 ± 0.008) 0.60 ± 0.20 (0.024 ± 0.008) 0.60 ± 0.20 (0.024 ± 0.008) Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. CRF Series - High Power Current Sense Chip Resistor Code R Value Code R Value R011 0.011 R030 0.030 R012 0.012 R033 0.033 R015 0.015 R035 0.035 R018 0.018 R040 0.040 R020 0.020 R050 0.050 R025 0.025 DIMENSIONS: MM (INCHES) Product Dimensions Construction Overcoat Metal Alloy Plate Ni / Sn Plating Derating Curve Ambient Temperature (°C) 70 170 100 -55 A B CC Recommended Solder Pad Layout A B SENSING TRACE Cu TRACE L Resistance Value Tables CC T Code R Value Code R Value R005 0.005 R010 0.010 R009 0.009 R020 0.020 Code R Value Code R Value R001 0.001 R010 0.010 R002 0.002 R012 0.012 R004 0.004 R014 0.014 R005 0.005 R015 0.015 R006 0.006 R020 0.020 R007 0.007 R022 0.022 R008 0.008 R025 0.025 R009 0.009 R030 0.030 CRF0805 CRF1206 CRF2512 (1W) Code R Value Code R Value R001 0.001 R006 0.006 R002 0.002 R007 0.007 R003 0.003 R008 0.008 R004 0.004 R010 0.010 R005 0.005 CRF2512 (2W) DIMENSIONS: MM (INCHES) |