| データシートサーチシステム |
|
AD8145YCPZ-R2 データシート(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8145YCPZ-R2 データシート(HTML) 21 Page - Analog Devices |
|
21 / 24 page ![]() AD8145 Rev. A | Page 21 of 24 OUTLINE DIMENSIONS COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-2 0.30 0.23 0.18 0.20 REF 0.80 MAX 0.65 TYP 0.05 MAX 0.02 NOM 12° MAX 1.00 0.85 0.80 SEATING PLANE COPLANARITY 0.08 1 32 8 9 25 24 16 17 0.50 0.40 0.30 3.50 REF 0.50 BSC PIN 1 INDICATOR TOP VIEW 5.00 BSC SQ 4.75 BSC SQ 3.45 3.30 SQ 3.15 PIN 1 INDICATOR 0.60 MAX 0.60 MAX 0.25 MIN EXPOSED PAD (BOTTOM VIEW) FOR PROPER CONNECTION OF THE EXPOSED PAD, REFER TO THE PIN CONFIGURATION AND FUNCTION DESCRIPTIONS SECTION OF THIS DATA SHEET. Figure 45. 32-Lead Lead Frame Chip Scale Package [LFCSP_VQ] 5 mm × 5 mm Body, Very Thin Quad (CP-32-3) Dimensions shown in millimeters ORDERING GUIDE Model1 Temperature Range Package Description Package Option AD8145YCPZ-R2 −40°C to +105°C 32-Lead Lead Frame Chip Scale Package [LFCSP_VQ] CP-32-3 AD8145YCPZ-RL −40°C to +105°C 32-Lead Lead Frame Chip Scale Package [LFCSP_VQ] CP-32-3 AD8145YCPZ-R7 −40°C to +105°C 32-Lead Lead Frame Chip Scale Package [LFCSP_VQ] CP-32-3 AD8145WYCPZ-R72 −40°C to +105°C 32-Lead Lead Frame Chip Scale Package [LFCSP_VQ] CP-32-3 1 Z = RoHS Compliant Part. 2 W = automotive qualified product. |