| データシートサーチシステム |
|
ADCMP354 データシート(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADCMP354 データシート(HTML) 5 Page - Analog Devices |
|
5 / 12 page ![]() ADCMP350/ADCMP354/ADCMP356 Rev. B | Page 5 of 12 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS 4 ADCMP350/ ADCMP354/ ADCMP356 GND OUT VCC VIN 1 3 2 Figure 3. Pin Configuration Table 4. Pin Function Descriptions Pin No. Mnemonic Description 1 V IN Monitors Analog Input Voltage. Connected to inverting or noninverting input depending on the model number. 2 GND Ground. 3 OUT Digital Output. Open-drain or push-pull options depending on the model number. 4 V CC Power Supply. |