| データシートサーチシステム |
|
SRP1040-R20M データシート(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
SRP1040-R20M データシート(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 4 page ![]() Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. 3312 - 2 mm SMD Trimming Potentiometer SRP1040 Series - Shielded Power Inductors L vs. I Charts 0 01 2 3 45 6 7 8 9 11 10 12 1.5 3.0 4.5 6.0 7.5 9.0 10.5 12.0 13.5 15.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1040-5R6M 0 02 4 6 8 10 12 16 0.8 1.6 2.4 3.2 4.0 4.8 5.6 6.4 7.2 8.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1040-4R7M 0 02 4 6 8 10 12 14 16 0.8 1.6 2.4 3.2 4.0 4.8 5.6 6.4 7.2 8.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1040-3R3M 0 0 3 6 9 12 15 1.2 2.4 3.6 4.8 6.0 0 20 40 60 80 100 DC Current (A) SRP1040-3R9M 0 01 2 3 4 5 6 7 89 1.5 3.0 4.5 6.0 7.5 9.0 10.5 12.0 13.5 15.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1040-8R2M 0 0 123 4 5 6 7 8 9 1.5 3.0 4.5 6.0 7.5 9.0 10.5 12.0 0 10 DC Current (A) SRP1040-100M 20 30 40 50 60 70 80 90 100 0 0 1.4 2.8 4.2 5.6 7.0 5 10 15 20 25 0 10 DC Current (A) SRP1040-150M 20 30 40 50 60 70 80 90 100 0 048 12 16 0.8 1.6 2.4 3.2 4.0 0 20 40 60 80 100 DC Current (A) SRP1040-2R5M 0 04 6 12 16 2 4 6 8 10 12 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1040-6R8M |