データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SRP1040-R47M データシート(PDF) 4 Page - Bourns Electronic Solutions

部品番号 SRP1040-R47M
部品情報  SRP1040 Series - Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1040-R47M データシート(HTML) 4 Page - Bourns Electronic Solutions

  SRP1040-R47M Datasheet HTML 1Page - Bourns Electronic Solutions SRP1040-R47M Datasheet HTML 2Page - Bourns Electronic Solutions SRP1040-R47M Datasheet HTML 3Page - Bourns Electronic Solutions SRP1040-R47M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1.5 ± 0.1
(0.059 ± 0.004)
0.15
(0.0006)
2.0 ± 0.1
(0.079 ± 0.004)
0.35 ± 0.05
(0.014 ± 0.020)
4.0 ± 0.1
(0.157 ± 0.004)
4.5 ± 0.1
(0.177 ± 0.004)
DIA.
DIA.
11.8 ± 0.1
(0.465 ± 0.004)
16.0 ± 0.1
(0.629 ± 0.004)
10.5 ± 0.1
(0.413 ± 0.004)
24.0 ± 0.3
(0.95 ± 0.012)
1.75 ± 0.1
(.069 ± 0.004)
2.2 ± 0.3
(.087 ± 0.012)
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
SRP1040 Series - Shielded Power Inductors
Packaging Specifications
EMBOSSED
CARRIER
EMBOSSED
CAVITY
0.10
(.004)
THICKNESS
MAX.
DIMENSIONS:
MM
(INCHES)
REV. 11/13
26.0 - 0.00
(1.02 - 0.00)
2.0
± 0.5
(.079
± .020)
75.0 ± 2.0
(2.96 ± 0.08)
330.0
(13.00)
DIA.
13.0
± 0.5
(.512
± .020)
DIA.
13.5
± 0.5
(0.53
± .020)
DIA.
21.0
± 0.8
(.827
± .031)



Html Pages

1 2 3 4