| データシートサーチシステム |
|
ADP3605ARZ-R7 データシート(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP3605ARZ-R7 データシート(HTML) 3 Page - Analog Devices |
|
3 / 12 page ![]() Data Sheet ADP3605 Rev. B | Page 3 of 12 SPECIFICATIONS VIN = 5.0 V at TA = 25°C, CP = CO = 4.7 µF, unless otherwise noted. The CIN, CO, and CP capacitors in the typical application circuit (see Figure 2) are 4.7 µF. See Figure 2 conditions. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods. Table 1. Parameter Symbol Test Conditions/Comments Min Typ Max Unit OPERATING SUPPLY RANGE VS 3 6 V SUPPLY CURRENT IS −40°C < TA < +85°C 3 6 mA Shutdown Mode VSD = VIN, −40°C < TA < +85°C 2 15 µA OUTPUT RESISTANCE Open Loop RO 9 Ω OUTPUT RIPPLE VOLTAGE VRIPPLE CIN = CO = 4.7 µF, ILOAD = 60 mA 38 mV ILOAD = 120 mA 75 mV SWITCHING FREQUENCY fS VIN = 5 V, −40°C < TA < +85°C 212 250 288 kHz SHUTDOWN Logic Input High VIH 2.4 V Input Current IIH 1 µA Logic Input Low VIL 0.4 V Input Current IIL 1 µA |