データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9411PCB データシート(PDF) 25 Page - Analog Devices

部品番号 AD9411PCB
部品情報  High Speed ADC USB FIFO Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9411PCB データシート(HTML) 25 Page - Analog Devices

Back Button AD9411PCB Datasheet HTML 20Page - Analog Devices AD9411PCB Datasheet HTML 21Page - Analog Devices AD9411PCB Datasheet HTML 22Page - Analog Devices AD9411PCB Datasheet HTML 23Page - Analog Devices AD9411PCB Datasheet HTML 24Page - Analog Devices AD9411PCB Datasheet HTML 25Page - Analog Devices AD9411PCB Datasheet HTML 26Page - Analog Devices AD9411PCB Datasheet HTML 27Page - Analog Devices AD9411PCB Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC
Rev. 0 | Page 25 of 28
ORDERING INFORMATION
ORDERING GUIDE
Model
Description
HSC-ADC-EVALB-SC
Single FIFO Version of USB Evaluation Kit
HSC-ADC-EVALB-DC
Dual FIFO Version of USB Evaluation Kit
HSC-ADC-FPGA-4/-8
Quad/Octal Serial LVDS to Dual Parallel CMOS Interface; supports all Quad/Octal ADCs in this family except
the AD9289 (not Included in Evaluation Kit)
HSC-ADC-FPGA-9289
Quad Serial LVDS to Dual Parallel CMOS Interface for the AD9289 Only (Not Included in Evaluation Kit)
AD922XFFA1
Adapter for AD922x Family (Not Included in Evaluation Kit)
AD9283FFA1
Adapter for the AD9283 and AD9057 (Not Included in Evaluation Kit)
AD9059FFA1
Adapter for the AD9059 (Not Included in Evaluation Kit)
AD9051FFA1
Adapter for the AD9051 (Not Included in Evaluation Kit)
LG-0204A1
Adapter for the AD10xxx and AD13xxx Families (Not Included in Evaluation Kit)
1 If an adapter is needed, send an email to highspeed.converters@analog.com.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28