| データシートサーチシステム |
|
AD9430-CMOSPCB データシート(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9430-CMOSPCB データシート(HTML) 7 Page - Analog Devices |
|
7 / 28 page ![]() HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC Rev. 0 | Page 7 of 28 Evaluation Board Model Description of ADC FIFO Board Version Comments AD9218-105PCB 10-bit, 105 MSPS ADC DC AD9218-65PCB 10-bit, 65 MSPS ADC DC AD9219-65EB1 Quad 10-bit, 65 MSPS ADC DC Requires HSC-ADC-FPGA-4/-8 AD9220-EB 12-bit, 10 MSPS ADC SC Requires AD922xFFA AD9222-65EB1 Octal 12-bit, 65 MSPS ADC DC Requires HSC-ADC-FPGA-8 AD9226-EB 12-bit, 65 MSPS ADC SC Requires AD922xFFA AD9226QFP-EB 12-bit, 65 MSPS ADC SC Requires AD922xFFA AD9228-65EB1 Quad 12-bit, 65 MSPS ADC DC Requires HSC-ADC-FPGA-4/-8 AD9229-65EB1 Quad 12-bit, 65 MSPS ADC DC Requires HSC-ADC-FPGA-4/-8 AD9233-80EB 12-bit, 80MSPS ADC SC AD9233-105EB 12-bit, 105MSPS ADC SC AD9233-125EB 12-bit, 125MSPS ADC SC AD9234-EB 12-bit, 150MSPS ADC SC AD9235BCP-20EB 12-bit, 20 MSPS ADC SC AD9235BCP-40EB 12-bit, 40 MSPS ADC SC AD9235BCP-65EB 12-bit, 65 MSPS ADC SC AD9235-20PCB 12-bit, 20 MSPS ADC SC AD9235-40PCB 12-bit, 40 MSPS ADC SC AD9235-65PCB 12-bit, 65 MSPS ADC SC AD9236BRU-80EB 12-bit, 80 MSPS ADC SC AD9236BCP-80EB 12-bit, 80 MSPS ADC SC AD9237BCP-20EB 12-bit, 20 MSPS ADC SC AD9237BCP-40EB 12-bit, 40 MSPS ADC SC AD9237BCP-65EB 12-bit, 65 MSPS ADC SC AD9238BST-20PCB Dual 12-bit, 20 MSPS ADC DC AD9238BST-40PCB Dual 12-bit, 40 MSPS ADC DC AD9238BST-65PCB Dual 12-bit, 65 MSPS ADC DC AD9238BCP-20EB Dual 12-bit, 20 MSPS ADC DC AD9238BCP-40EB Dual 12-bit, 40 MSPS ADC DC AD9238BCP-65EB Dual 12-bit, 65 MSPS ADC DC AD9240-EB 14-bit, 40 MSPS ADC SC Requires AD922xFFA AD9241-EB 14-bit, 1.25 MSPS ADC SC Requires AD922xFFA AD9243-EB 14-bit, 3 MSPS ADC SC Requires AD922xFFA AD9244-40PCB 14-bit, 40 MSPS ADC SC AD9244-65PCB 14-bit, 65 MSPS ADC SC AD9245BCP-20EB 14-bit, 20 MSPS ADC SC AD9245BCP-40EB 14-bit, 40 MSPS ADC SC AD9245BCP-65EB 14-bit, 65 MSPS ADC SC AD9245BCP-80EB 14-bit, 80 MSPS ADC SC AD9246-80EB 14-bit, 80 MSPS ADC SC AD9246-105EB 14-bit, 105 MSPS ADC SC AD9246-125EB 14-bit, 125 MSPS ADC SC AD9248BST-65EB Dual 14-bit, 65 MSPS ADC DC AD9248BCP-20EB Dual 14-bit, 20 MSPS ADC DC AD9248BCP-40EB Dual 14-bit, 40 MSPS ADC DC AD9248BCP-65EB Dual 14-bit, 65 MSPS ADC DC AD9259-50EB1 Quad 14-bit, 50 MSPS ADC DC Requires HSC-ADC-FPGA-4/-8 AD9260-EB 16-bit, 2.5 MSPS ADC SC Requires AD922xFFA AD9280-EB 8-bit, 32 MSPS ADC SC Requires AD922xFFA AD9281-EB Dual 8-bit, 28 MSPS ADC SC Requires AD922xFFA AD9283/PCB 8-bit, 100 MSPS ADC SC Requires AD9283FFA AD9287-100EB1 Quad 8-bit, 100 MSPS ADC DC Requires HSC-ADC-FPGA-4/-8 AD9289-65EB1 Quad 8-bit, 65 MSPS ADC DC Requires HSC-ADC-FPGA-9289 AD9411/PCB 10-bit, 200 MSPS ADC DC Requires DEMUX BRD |