| データシートサーチシステム |
|
0805C-R36M データシート(PDF) 2 Page - Frontier Electronics. |
|
|
|||||||||||||||||||||||||||||
0805C-R36M データシート(HTML) 2 Page - Frontier Electronics. |
|
2 / 3 page ![]() SMD wire wound Ceramic Chip Inductor: P/N 0805C-series Rev. A Jan. 01, 2006. Page: 2 of 3 Frontier Electronics Corp. 667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com SMD Wire Wound Ceramic Chip Inductors—0805C series B. Dimensions: (Unit: mm) SERIES A (Max.) B (Max.) C (Max.) D (Max.) E F 0805C 2.29 1.73 1.52 0.76 1.02 1.78 C. Mechanical drawing: D. Color coding: 1. These parts are marked with single color dot. The dot represented inductance value shows on the table. E. Feature: 1. P/N: 0805C-XXX_: 0805C: Size, “XXX”: Inductance, “_”: Tolerance. 2. Tolerance: M: ± 20%, K: ± 10%, J: ± 5%, G: ± 2%, F: ± 1%. 3. High Q at high frequency. 4. High self-resonance frequency. 5. For 15ºC Temperature Rise. 6. Inductance & Q measured using the HP4291B 7. SRF measured using the HP8720D or HP8753E. 8. DCR measured using the 502BC. 9. Operating temperature: -40ºC TO +125ºC. 10. Inductance and Current Range: From 2.2nH(600mA) ∼1000nH(170mA). 11. SRF: From 7.9GHz to 215MHz. 12. RoHS compliant. F. Applications: Pagers. Mobile communication units. Portable telephone. Hybrid. Special specifications are available for customer’s requirement. Identifier for 0603C & 0805C series. Top view Land Pattern 0.51 1.02 0.51 E D E F A B C |