| データシートサーチシステム |
|
CAT24C44LE データシート(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
CAT24C44LE データシート(HTML) 2 Page - ON Semiconductor |
|
2 / 9 page ![]() 2 CAT24C44 Doc. No. MD-1083, Rev. T © 2008 SCILLC. All rights reserved. Characteristics subject to change without notice POWER-UP TIMING(4) Symbol Parameter Min. Max. Units VCCSR VCC Slew Rate 0.5 0.005 V/m tpur Power-Up to Read Operations 200 µs tpuw Power-Up to Write or Store Operation 5 ms MODE SELECTION(1)(2) Software Write Enable Previous Recall Mode STORE STORE STORE STORE STORE RECALL RECALL RECALL RECALL RECALL Instruction Latch Latch Hardware Recall(3) 1 0 NOP X X Software Recall 1 1 RCL X X Hardware Store(3) 0 1 NOP SET TRUE Software Store 1 1 STO SET TRUE X = Don’t Care BLOCK DIAGRAM ROW DECODE INSTRUCTION REGISTER COLUMN DECODE EEPROM ARRAY STORE RECALL STATIC RAM ARRAY 256-BIT STORE RECALL CE DI SK INSTRUCTION DECODE 4-BIT COUNTER CONTROL LOGIC VCC VSS DO Note: (1) The store operation has priority over all the other operations. (2) The store operation is inhibited when VCC is below ≈ 3.5V. (3) NOP designates that the device is not currently executing an instruction. (4) This parameter is tested initially and after a design or process change that affects the parameter. |