データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1808HA470JAT1A データシート(PDF) 2 Page - AVX Corporation

部品番号 1808HA470JAT1A
部品情報  High Voltage MLC Chips For 600V to 5000V Application
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVX [AVX Corporation]
ホームページ  http://www.avx.com
Logo AVX - AVX Corporation

1808HA470JAT1A データシート(HTML) 2 Page - AVX Corporation

  1808HA470JAT1A Datasheet HTML 1Page - AVX Corporation 1808HA470JAT1A Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
75
VOLTAGE
0805
1206
1210
1808
1812
1825
2220
2225
3640
600/630
min.
10pF
10 pF
100 pF
100 pF
100 pF
1000 pF
1000 pF
1000 pF
1000 pF
max.
330pF
1200 pF
2700 pF
3300 pF
5600 pF
0.012 µF
0.012 µF
0.018 µF
0.047 µF
min.
10pF
10 pF
10 pF
100 pF
100 pF
100 pF
1000 pF
1000 pF
1000 pF
1000
max.
180pF
560 pF
1500 pF
2200 pF
3300 pF
8200 pF
0.010 µF
0.010 µF
0.022 µF
min.
10 pF
10 pF
10 pF
10 pF
100 pF
100 pF
100 pF
100 pF
1500
max.
270 pF
680 pF
820 pF
1800 pF
4700 pF
4700 pF
5600 pF
0.010 µF
min.
10 pF
10 pF
10 pF
10 pF
100 pF
100 pF
100 pF
100 pF
2000
max.
120 pF
270 pF
330 pF
680 pF
1800 pF
2200 pF
2700 pF
6800 pF
min.
10 pF
10 pF
10 pF
100 pF
100 pF
100 pF
2500
max.
180 pF
470 pF
1200 pF
1500 pF
1800 pF
3900 pF
min.
10 pF
10 pF
10 pF
10 pF
10 pF
100 pF
3000
max.
120 pF
330 pF
820 pF
1000 pF
1200 pF
2700 pF
min.
10 pF
10 pF
10 pF
10 pF
10 pF
100 pF
4000
max.
47 pF
150 pF
330 pF
470 pF
560 pF
1200 pF
min.
———
——
10 pF
5000
max.
820 pF
HIGH VOLTAGE C0G CAPACITANCE VALUES
VOLTAGE
0805
1206
1210
1808
1812
1825
2220
2225
3640
600/630
min.
100pF
1000 pF
1000 pF
1000 pF
1000 pF
0.010 µF
0.010 µF
0.010 µF
0.010 µF
max.
6800pF
0.022 µF
0.056 µF
0.068 µF
0.120 µF
0.270 µF
0.270 µF
0.330 µF
0.560 µF
min.
100pF
100 pF
1000 pF
1000 pF
1000 pF
1000 pF
1000 pF
1000 pF
0.010 µF
1000
max.
1500pF
6800 pF
0.015 µF
0.018 µF
0.039 µF
0.100 µF
0.120 µF
0.150 µF
0.220 µF
min.
100 pF
100 pF
100 pF
100 pF
1000 pF
1000 pF
1000 pF
1000 pF
1500
max.
2700 pF
6800 pF
6800 pF
0.015 µF
0.056 µF
0.056 µF
0.068 µF
0.100 µF
min.
10 pF
100 pF
100 pF
100 pF
100 pF
1000 pF
1000 pF
1000 pF
2000
max.
1500 pF
3900 pF
3300 pF
8200 pF
0.027 µF
0.027 µF
0.033 µF
0.027 µF
min.
10 pF
10 pF
100 pF
100 pF
100 pF
1000 pF
2500
max.
2200 pF
5600 pF
0.015 µF
0.018 µF
0.022 µF
0.022 µF
min.
10 pF
10 pF
100 pF
100 pF
100 pF
1000 pF
3000
max.
1800 pF
4700 pF
0.012 µF
0.012 µF
0.015 µF
0.018 µF
min.
100 pF
4000
max.
6800 pF
min.
100 pF
5000
max.
3300 pF
HIGH VOLTAGE X7R MAXIMUM CAPACITANCE VALUES
X7R Dielectric
Performance Characteristics
Capacitance Range
10 pF to 0.047 µF
(25°C, 1.0 ±0.2 Vrms at 1kHz, for ≤ 1000 pF use 1 MHz)
Capacitance Tolerances
±5%, ±10%, ±20%
Dissipation Factor
0.1% max. (+25°C, 1.0 ±0.2 Vrms, 1kHz, for ≤ 1000 pF use 1 MHz)
Operating Temperature Range
-55°C to +125°C
Temperature Characteristic
0 ±30 ppm/°C (0 VDC)
Voltage Ratings
600, 630, 1000, 1500, 2000, 2500, 3000, 4000 & 5000 VDC (+125°C)
Insulation Resistance (+25°C, at 500 VDC)
100K MΩ min. or 1000 MΩ - µF min., whichever is less
Insulation Resistance (+125°C, at 500 VDC)
10K MΩ min. or 100 MΩ - µF min., whichever is less
Dielectric Strength
Minimum 120% rated voltage for 5 seconds at 50 mA max. current
Performance Characteristics
Capacitance Range
10 pF to 0.56 µF (25°C, 1.0 ±0.2 Vrms at 1kHz)
Capacitance Tolerances
±10%; ±20%; +80%, -20%
Dissipation Factor
2.5% max. (+25°C, 1.0 ±0.2 Vrms, 1kHz)
Operating Temperature Range
-55°C to +125°C
Temperature Characteristic
±15% (0 VDC)
Voltage Ratings
600, 630, 1000, 1500, 2000, 2500, 3000, 4000 & 5000 VDC (+125°C)
Insulation Resistance (+25°C, at 500 VDC)
100K MΩ min. or 1000 MΩ - µF min., whichever is less
Insulation Resistance (+125°C, at 500 VDC)
10K MΩ min. or 100 MΩ - µF min., whichever is less
Dielectric Strength
Minimum 120% rated voltage for 5 seconds at 50 mA max. current
High Voltage MLC Chips
For 600V to 5000V Applications
C0G Dielectric



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com