| データシートサーチシステム |
|
RAC02-SC/277 データシート(PDF) 2 Page - Recom International Power |
|
|
|||||||||||||||||||||||||||||
RAC02-SC/277 データシート(HTML) 2 Page - Recom International Power |
|
2 / 2 page ![]() RAC02-xxSC/277 Series POWERLINE AC/DC-Converter Package Style and Pinning Notes: 1. „Total Regulation“ is the output voltage tolerance which includes initial voltage accuracy, thermal drift, line regulation and load regulation at rated input voltage and load condition. 2. „Ripple & Noise“ is maximum peak-to-peak voltage value measured at output within 20MHz bandwidth at rated line voltage and output load ranges, and with a 47 µF low-ESR electrolytic capacitor in parallel with a 0.1 µF ceramic capacitor across the output. Specifications (measured at TA 25°C, full load after warm-up) 3rd angle projection 100% 0% Overcurrent Limit 50% Vnom Vo Load (%) Output V-I Characteristic 33.7 17.75+0.25 6.1 28.0 5.0 0.75+0.25 Bottom View 2 1 4 3 11.1 7.62 7.62 2.85 7.62 0.75+0.25 15.24 0.6 22.2 Pin Connections Pin # Single Out 1 VAC in (N) 2 VAC in (L) 3 -VDC out 4 +VDC out Tolerance ±0.5mm unless otherwise specified www.recom-international.com PA-5 REV: 1/2013 105 80 Input Voltage (VAC) Ta=25°C 80 180 130 230 280 80V, 95% 85V, 100% 305V, 100% Input Voltage Derating Graph Safe Operating Area |