| データシートサーチシステム |
|
PIC16F636ESS データシート(PDF) 54 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F636ESS データシート(HTML) 54 Page - Microchip Technology |
|
54 / 234 page ![]() PIC12F635/PIC16F636/639 DS41232D-page 52 © 2007 Microchip Technology Inc. 4.2.4 PIN DESCRIPTIONS AND DIAGRAMS Each PORTA pin is multiplexed with other functions. The pins and their combined functions are briefly described here. For specific information about individual functions, such as the comparator, refer to the appropriate section in this data sheet. 4.2.4.1 RA0/C1IN+/ICSPDAT/ULPWU Figure 4-2 shows the diagram for this pin. The RA0 pin is configurable to function as one of the following: • a general purpose I/O • an analog input to the comparator • In-Circuit Serial Programming™ data • an analog input for the Ultra Low-Power Wake-up FIGURE 4-1: BLOCK DIAGRAM OF RA0 I/O pin VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak RD PORTA RD WR WR RD WR IOCA RD IOCA Interrupt-on- Analog Input Mode(1) Change Q1 WR RD 01 IULP WPUDA Data Bus WPUDA PORTA TRISA TRISA PORTA Note 1: Comparator mode determines Analog Input mode. VT ULPWUE – + VSS D Q CK Q WR RD WDA WDA Analog Input Mode(1) RAPU Weak |