| データシートサーチシステム |
|
PIC18F2680ISPQTP データシート(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2680ISPQTP データシート(HTML) 22 Page - Microchip Technology |
|
22 / 482 page ![]() PIC18F2585/2680/4585/4680 DS39625C-page 20 Preliminary © 2007 Microchip Technology Inc. PORTD is a bidirectional I/O port or a Parallel Slave Port (PSP) for interfacing to a microprocessor port. These pins have TTL input buffers when PSP module is enabled. RD0/PSP0/C1IN+ RD0 PSP0 C1IN+ 19 38 38 I/O I/O I ST TTL Analog Digital I/O. Parallel Slave Port data. Comparator 1 input (+). RD1/PSP1/C1IN- RD1 PSP1 C1IN- 20 39 39 I/O I/O I ST TTL Analog Digital I/O. Parallel Slave Port data. Comparator 1 input (-) RD2/PSP2/C2IN+ RD2 PSP2 C2IN+ 21 40 40 I/O I/O I ST TTL Analog Digital I/O. Parallel Slave Port data. Comparator 2 input (+). RD3/PSP3/C2IN- RD3 PSP3 C2IN- 22 41 41 I/O I/O I ST TTL Analog Digital I/O. Parallel Slave Port data. Comparator 2 input (-). RD4/PSP4/ECCP1/ P1A RD4 PSP4 ECCP1 P1A 27 2 2 I/O I/O I/O O ST TTL ST TTL Digital I/O. Parallel Slave Port data. Capture2 input/Compare2 output/PWM2 output. ECCP1 PWM output A. RD5/PSP5/P1B RD5 PSP5 P1B 28 3 3 I/O I/O O ST TTL TTL Digital I/O. Parallel Slave Port data. ECCP1 PWM output B. RD6/PSP6/P1C RD6 PSP6 P1C 29 4 4 I/O I/O O ST TTL TTL Digital I/O. Parallel Slave Port data. ECCP1 PWM output C. RD7/PSP7/P1D RD7 PSP7 P1D 30 5 5 I/O I/O O ST TTL TTL Digital I/O. Parallel Slave Port data. ECCP1 PWM output D. TABLE 1-3: PIC18F4585/4680 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description PDIP QFN TQFP Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power |