| データシートサーチシステム |
|
PIC18F2680ISPQTP データシート(PDF) 277 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2680ISPQTP データシート(HTML) 277 Page - Microchip Technology |
|
277 / 482 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39625C-page 275 PIC18F2585/2680/4585/4680 23.2 CAN Module Registers There are many control and data registers associated with the CAN module. For convenience, their descriptions have been grouped into the following sections: • Control and Status Registers • Dedicated Transmit Buffer Registers • Dedicated Receive Buffer Registers • Programmable TX/RX and Auto RTR Buffers • Baud Rate Control Registers • I/O Control Register • Interrupt Status and Control Registers Detailed descriptions of each register and their usage are described in the following sections. 23.2.1 CAN CONTROL AND STATUS REGISTERS The registers described in this section control the overall operation of the CAN module and show its operational status. Note: Not all CAN registers are available in the access bank. |