データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC18F4680ISPQTP データシート(PDF) 15 Page - Microchip Technology

部品番号 PIC18F4680ISPQTP
部品情報  PIC18F2585/2680/4585/4680 Data Sheet
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4680ISPQTP データシート(HTML) 15 Page - Microchip Technology

Back Button PIC18F4680ISPQTP Datasheet HTML 11Page - Microchip Technology PIC18F4680ISPQTP Datasheet HTML 12Page - Microchip Technology PIC18F4680ISPQTP Datasheet HTML 13Page - Microchip Technology PIC18F4680ISPQTP Datasheet HTML 14Page - Microchip Technology PIC18F4680ISPQTP Datasheet HTML 15Page - Microchip Technology PIC18F4680ISPQTP Datasheet HTML 16Page - Microchip Technology PIC18F4680ISPQTP Datasheet HTML 17Page - Microchip Technology PIC18F4680ISPQTP Datasheet HTML 18Page - Microchip Technology PIC18F4680ISPQTP Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 13
PIC18F2585/2680/4585/4680
PORTA is a bidirectional I/O port.
RA0/AN0
RA0
AN0
2
I/O
I
TTL
Analog
Digital I/O.
Analog input 0.
RA1/AN1
RA1
AN1
3
I/O
I
TTL
Analog
Digital I/O.
Analog input 1.
RA2/AN2/VREF-
RA2
AN2
VREF-
4
I/O
I
I
TTL
Analog
Analog
Digital I/O.
Analog input 2.
A/D reference voltage (low) input.
RA3/AN3/VREF+
RA3
AN3
VREF+
5
I/O
I
I
TTL
Analog
Analog
Digital I/O.
Analog input 3.
A/D reference voltage (high) input.
RA4/T0CKI
RA4
T0CKI
6
I/O
I
TTL
ST
Digital I/O.
Timer0 external clock input.
RA5/AN4/SS/HLVDIN
RA5
AN4
SS
HLVDIN
7
I/O
I
I
I
TTL
Analog
TTL
Analog
Digital I/O.
Analog input 4.
SPI slave select input.
High/Low-Voltage Detect input.
RA6
See the OSC2/CLKO/RA6 pin.
RA7
See the OSC1/CLKI/RA7 pin.
TABLE 1-2:
PIC18F2585/2680 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin
Number
Pin
Type
Buffer
Type
Description
PDIP,
SOIC
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
I
= Input
O
= Output
P
= Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More