| データシートサーチシステム |
|
RTM205 データシート(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
RTM205 データシート(HTML) 1 Page - List of Unclassifed Manufacturers |
|
|
1 / 1 page ![]() Crimptooling 99 Extraction tooling RX2025GE1 A spring loaded extraction tool for the full range of TRIM TRIO contacts. This tool ensures that the contact locking louvres are fully retracted before any pressure is applied to extract a contact. RX2025GE2 A low cost spring loaded extraction tool for the full range of TRIM TRIO contacts. RX16D11D1 A spring loaded extraction tool for the full range of TRIM TRIO contacts. This tool ensures that the contact locking louvres are fully retracted before any pressure is applied to extract a contact. It is especially suitable for applications where the integrity of the assemblies are of the utmost importance. How to extract a contact out of its cavity? Slide the extraction tip over contact from mating side till the locking spring from the contact is depressed. Push on handle to push out the contact with the spring loaded inner plunger. Insertion tooling RTM205 This tool is especially designed to ease insertion of any TRIM TRIO contact crimped on very flexible or small wire sizes. Simply position the insertion tool so that the tip of the tool bears against the back of the wire barrel, retaining the wire with thumb in the groove of the tool. Push the contact slowly into the connector until it snaps into position. |
同様の部品番号 - RTM205 |