| データシートサーチシステム |
|
NTMFS4925NET3G データシート(PDF) 5 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
NTMFS4925NET3G データシート(HTML) 5 Page - ON Semiconductor |
|
5 / 7 page ![]() NTMFS4925NE http://onsemi.com 5 TYPICAL CHARACTERISTICS Figure 7. Capacitance Variation Figure 8. Gate−to−Source and Drain−to−Source Voltage vs. Total Charge VDS, DRAIN−TO−SOURCE VOLTAGE (V) Qg, TOTAL GATE CHARGE (nC) 30 25 20 15 10 5 0 0 200 400 800 1000 1200 1400 1600 22 18 14 12 6 4 2 0 0 1 3 5 6 8 9 11 Figure 9. Resistive Switching Time Variation vs. Gate Resistance Figure 10. Diode Forward Voltage vs. Current RG, GATE RESISTANCE (W) VSD, SOURCE−TO−DRAIN VOLTAGE (V) 100 10 1 1 10 100 1000 0.9 0.8 1.0 0.7 0.6 0.5 0.4 0.3 0 5 10 15 20 25 30 Figure 11. Maximum Rated Forward Biased Safe Operating Area Figure 12. Maximum Avalanche Energy vs. Starting Junction Temperature VDS, DRAIN−TO−SOURCE VOLTAGE (V) TJ, STARTING JUNCTION TEMPERATURE (°C) 100 10 1 0.1 0.01 0.01 0.1 1 10 100 1000 150 125 100 75 50 25 0 4 12 16 24 28 40 600 TJ = 25°C VGS = 0 V Ciss Coss Crss 810 16 20 2 4 7 10 TJ = 25°C VGS = 10 V VDD = 15 V ID = 30 A QT Qgs Qgd VGS = 10 V VDD = 15 V ID = 15 A td(off) td(on) tf tr TJ = 25°C VGS = 0 V TJ = 125°C 10 ms 100 ms 1 ms 10 ms dc 0 V < VGS < 10 V Single Pulse TC = 25°C 8 20 32 ID = 26 A RDS(on) Limit Thermal Limit Package Limit 36 |