| データシートサーチシステム |
|
TAS5731MPHP データシート(PDF) 53 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5731MPHP データシート(HTML) 53 Page - Texas Instruments |
|
53 / 68 page ![]() TAS5731M www.ti.com SLOS838B – JULY 2013 – REVISED NOVEMBER 2013 START/STOP PERIOD REGISTER (0x1A) This register is used to control the soft-start and soft-stop period following an enter/exit all channel shut down command or change in the PDN state. This helps reduce pops and clicks at start-up and shutdown.The times are only approximate and vary depending on device activity level and I2S clock stability. Table 16. Start/Stop Period Register (0x1A) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 0 – – – – – – – SSTIMER enabled(1) 1 – – – – – – – SSTIMER disabled – 0 0 – – – – – Reserved (1) – – – 0 0 – – – No 50% duty cycle start/stop period – – – 0 1 0 0 0 16.5-ms 50% duty cycle start/stop period – – – 0 1 0 0 1 23.9-ms 50% duty cycle start/stop period – – – 0 1 0 1 0 31.4-ms 50% duty cycle start/stop period – – – 0 1 0 1 1 40.4-ms 50% duty cycle start/stop period – – – 0 1 1 0 0 53.9-ms 50% duty cycle start/stop period – – – 0 1 1 0 1 70.3-ms 50% duty cycle start/stop period – – – 0 1 1 1 0 94.2-ms 50% duty cycle start/stop period – – – 0 1 1 1 1 125.7-ms 50% duty cycle start/stop period (1) – – – 1 0 0 0 0 164.6-ms 50% duty cycle start/stop period – – – 1 0 0 0 1 239.4-ms 50% duty cycle start/stop period – – – 1 0 0 1 0 314.2-ms 50% duty cycle start/stop period – – – 1 0 0 1 1 403.9-ms 50% duty cycle start/stop period – – – 1 0 1 0 0 538.6-ms 50% duty cycle start/stop period – – – 1 0 1 0 1 703.1-ms 50% duty cycle start/stop period – – – 1 0 1 1 0 942.5-ms 50% duty cycle start/stop period – – – 1 0 1 1 1 1256.6-ms 50% duty cycle start/stop period – – – 1 1 0 0 0 1728.1-ms 50% duty cycle start/stop period – – – 1 1 0 0 1 2513.6-ms 50% duty cycle start/stop period – – – 1 1 0 1 0 3299.1-ms 50% duty cycle start/stop period – – – 1 1 0 1 1 4241.7-ms 50% duty cycle start/stop period – – – 1 1 1 0 0 5655.6-ms 50% duty cycle start/stop period – – – 1 1 1 0 1 7383.7-ms 50% duty cycle start/stop period – – – 1 1 1 1 0 9897.3-ms 50% duty cycle start/stop period – – – 1 1 1 1 1 13,196.4-ms 50% duty cycle start/stop period (1) Default values are in bold. Copyright © 2013, Texas Instruments Incorporated 53 Product Folder Links :TAS5731M |