データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A1280A-CQ172B データシート(PDF) 10 Page - Actel Corporation

部品番号 A1280A-CQ172B
部品情報  Highly Predictable Performance with 100% Automatic Placement and Routing
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTEL [Actel Corporation]
ホームページ  http://www.actel.com
Logo ACTEL - Actel Corporation

A1280A-CQ172B データシート(HTML) 10 Page - Actel Corporation

Back Button A1280A-CQ172B Datasheet HTML 6Page - Actel Corporation A1280A-CQ172B Datasheet HTML 7Page - Actel Corporation A1280A-CQ172B Datasheet HTML 8Page - Actel Corporation A1280A-CQ172B Datasheet HTML 9Page - Actel Corporation A1280A-CQ172B Datasheet HTML 10Page - Actel Corporation A1280A-CQ172B Datasheet HTML 11Page - Actel Corporation A1280A-CQ172B Datasheet HTML 12Page - Actel Corporation A1280A-CQ172B Datasheet HTML 13Page - Actel Corporation A1280A-CQ172B Datasheet HTML 14Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
10
Ab s o l u t e Ma x i mu m R a t i n g s 1
Free air temperature range
Notes:
1.
Stresses beyond those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to
absolute maximum rated conditions for extended periods may
affect device reliability. Devices should not be operated outside
the recommended operating conditions.
2.
VPP = VCC , except during device programming.
3.
VSV = VCC , except during device programming.
4.
VKS = GND , except during device programming.
5.
Device inputs are normally high impedance and draw extremely
low current. However, when input voltage is greater than VCC +
0.5V or less than GND – 0.5V, the internal protection diode will be
forward biased and can draw excessive current.
Re com m e nde d Op er at i n g Co ndi t i on s
Notes:
1.
Ambient temperature (TA) is used for commercial and
industrial; case temperature (TC) is used for military.
2.
All power supplies must be in the recommended operating range.
For more information, refer to the Power-Up Design Considerations
application note at http://www.actel.com/appnotes.
E l e c tric a l S p e c ific a t io n s
Notes:
1.
Actel devices can drive and receive either CMOS or TTL signal levels. No assignment of I/Os as TTL or CMOS is required.
2.
Tested one output at a time, VCC = min.
3.
Not tested; for information only.
4.
VOUT = 0V, f = 1 MHz
Symbol
Parameter
Limits
Units
VCC
DC Supply Voltage2, 3, 4
–0.5 to +7.0
V
VI
Input Voltage
–0.5 to VCC +0.5
V
VO
Output Voltage
–0.5 to VCC +0.5
V
IIO
I/O Source Sink
Current5
±20
mA
TSTG
Storage Temperature
–65 to +150
°C
Parameter
Commercial
Military
Units
Temperature
Range1
0 to +70
–55 to +125
°C
Power Supply
Tolerance2
±5
±10
%VCC
Symbol
Parameter
Test Condition
Commercial
Military
Units
Min.
Max.
Min.
Max.
VOH
1, 2
HIGH Level Output
IOH = –4 mA (CMOS)
3.7
V
IOH = –6 mA (CMOS)
3.84
V
VOL
1, 2
LOW Level Output
IOL = +6 mA (CMOS)
0.33
0.4
V
VIH
HIGH Level Input
TTL Inputs
2.0
VCC + 0.3
2.0
VCC + 0.3
V
VIL
LOW Level Input
TTL Inputs
–0.3
0.8
–0.3
0.8
V
IIN
Input Leakage
VI = VCC or GND
–10
+10
–10
+10
µA
IOZ
3-state Output Leakage
VO = VCC or GND
–10
+10
–10
+10
µA
CIO
I/O Capacitance3, 4
10
10
pF
ICC(S)
Standby VCC Supply Current VI = VCC or GND, IO = 0 mA
ACT 1
3
20
mA
ACT 2/3/1200XL/3200DX
2
20
mA
ICC(D)
Dynamic VCC Supply Current
See the “Power Dissipation” section on page 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com