データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5245BRJ50-R2 データシート(PDF) 17 Page - Analog Devices

部品番号 AD5245BRJ50-R2
部品情報  256-Position I2C-Compatible Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5245BRJ50-R2 データシート(HTML) 17 Page - Analog Devices

Back Button AD5245BRJ50-R2 Datasheet HTML 12Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 13Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 14Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 15Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 16Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 17Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 18Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 19Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD5245
Rev. B | Page 17 of 20
Table 8
. Write Mode
S 0 1 0 1 1 0 AD0
W
A
X
RS
SD
X
X
X
X
X
A
D7
D6
D5
D4
D3
D2
D1
D0
A
P
Slave Address Byte
Instruction Byte
Data Byte
Table 9. Read Mode
S
0
1
0
1
1
0
AD0
R
A
D7
D6
D5
D4
D3
D2
D1
D0
A
P
Slave Address Byte
Data Byte
S = START condition
P = STOP condition
A = Acknowledge
X = Don’t care
W = Write
R = Read
RS = Reset wiper to midscale 0x80
SD = Shutdown connects wiper to B terminal and open circuits
A terminal, but does not change contents of wiper register
D7, D6, D5, D4, D3, D2, D1, D0 = Data Bits
t1
t3
t4
t2
t7
t8
t9
PS
P
S
t10
t5
t9
t8
SCL
SDA
t2
t6
Figure 44. I2C Interface Detailed Timing Diagram
SCL
FRAME 1
FRAME 2
START BY
MASTER
ACK BY
AD5245
SLAVE ADDRESS BYTE
STOP BY
MASTER
INSTRUCTION BYTE
SDA
0
1
0
1
1
0 AD0 R/W
XRS
X
X
X
X
X
1
9
19
D7
D6
D5
D4
D3
D2
D1
D0
ACK BY
AD5245
FRAME 3
DATA BYTE
1
9
ACK BY
AD5245
SD
Figure 45. Writing to the RDAC Register
NO ACK
BY MASTER
SCL
SDA
01
0
1
1
0
AD0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
1
9
1
9
FRAME 1
FRAME 2
START BY
MASTER
ACK BY
AD5245
SLAVE ADDRESS BYTE
RDAC REGISTER
STOP BY
MASTER
Figure 46. Reading Data from a Previously Selected RDAC Register in Write Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20