| データシートサーチシステム |
|
AD5245BRJZ100-R2 データシート(PDF) 18 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5245BRJZ100-R2 データシート(HTML) 18 Page - Analog Devices |
|
18 / 20 page ![]() AD5245 Rev. B | Page 18 of 20 Multiple Devices on One Bus Figure 47 shows two AD5245 devices on the same serial bus. Each has a different slave address because the states of their AD0 pins are different. This allows the RDAC within each device to be written to or read from independently. The master device’s output bus line drivers are open-drain pull-downs in a fully I2C-compatible interface. MASTER AD5245 SDA SCL RP RP +5V +5V SDA SCL SDA SCL AD5245 AD0 AD0 Figure 47. Multiple AD5245 Devices on One I2C Bus |