データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6276 データシート(PDF) 10 Page - Allegro MicroSystems

部品番号 6276
部品情報  16-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

6276 データシート(HTML) 10 Page - Allegro MicroSystems

Back Button 6276 Datasheet HTML 4Page - Allegro MicroSystems 6276 Datasheet HTML 5Page - Allegro MicroSystems 6276 Datasheet HTML 6Page - Allegro MicroSystems 6276 Datasheet HTML 7Page - Allegro MicroSystems 6276 Datasheet HTML 8Page - Allegro MicroSystems 6276 Datasheet HTML 9Page - Allegro MicroSystems 6276 Datasheet HTML 10Page - Allegro MicroSystems 6276 Datasheet HTML 11Page - Allegro MicroSystems 6276 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
6276
16-BIT SERIAL-INPUT,
CONSTANT-CURRENT
LATCHED LED DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
10
The load current per bit (IO) is set by the external resistor
(REXT) as shown in the figure below.
300
500
700
1 k
2 k
CURRENT-CONTROL RESISTANCE, REXT IN OHMS
100
0
100
Dwg. GP-061
5 k
200
3 k
20
40
60
80
VCE = 0.7 V
Package Power Dissipation (PD). The maximum
allowable package power dissipation is determined as
PD(max) = (150 - TA)/RθJA.
The actual package power dissipation is
PD(act) = dc(VCE • IO • 16) + (VDD • IDD).
When the load supply voltage is greater than 3 V to 5 V,
considering the package power dissipating limits of these
devices, or if PD(act) > PD(max), an external voltage
reducer (VDROP) should be used.
Load Supply Voltage (VLED). These devices are
designed to operate with driver voltage drops (VCE) of
0.4 V to 0.7 V with LED forward voltages (VF) of 1.2 V to
4.0 V. If higher voltages are dropped across the driver,
package power dissipation will be increased significantly.
To minimize package power dissipation, it is recom-
mended to use the lowest possible load supply voltage or
to set any series dropping voltage (VDROP) as
VDROP = VLED - VF - VCE
with VDROP = Io • RDROP for a single driver, or a Zener
diode (VZ), or a series string of diodes (approximately
0.7 V per diode) for a group of drivers. If the available
voltage source will cause unacceptable dissipation and
series resistors or diode(s) are undesirable, a regulator
such as the Sanken Series SAI or Series SI can be used to
provide supply voltages as low as 3.3 V.
For reference, typical LED forward voltages are:
White
3.5 – 4.0 V
Blue
3.0 – 4.0 V
Green
1.8 – 2.2 V
Yellow
2.0 – 2.1 V
Amber
1.9 – 2.65 V
Red
1.6 – 2.25 V
Infrared
1.2 – 1.5 V
Pattern Layout. This device has a common logic-
ground and power-ground terminal. If ground pattern
layout contains large common-mode resistance, and the
voltage between the system ground and the LATCH
ENABLE or CLOCK terminals exceeds 2.5 V (because of
switching noise), these devices may not operate correctly.
Dwg. EP-064
V
LED
V DROP
VF
V CE
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com