データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

INA226AIDGST データシート(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
部品番号 INA226AIDGST
部品情報  High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

INA226AIDGST データシート(HTML) 27 Page - Texas Instruments

Back Button INA226AIDGST Datasheet HTML 23Page - Texas Instruments INA226AIDGST Datasheet HTML 24Page - Texas Instruments INA226AIDGST Datasheet HTML 25Page - Texas Instruments INA226AIDGST Datasheet HTML 26Page - Texas Instruments INA226AIDGST Datasheet HTML 27Page - Texas Instruments INA226AIDGST Datasheet HTML 28Page - Texas Instruments INA226AIDGST Datasheet HTML 29Page - Texas Instruments INA226AIDGST Datasheet HTML 30Page - Texas Instruments INA226AIDGST Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
INA226
www.ti.com
SBOS547
– JUNE 2011
SMBus Alert Response
The INA226 is designed to respond to the SMBus Alert Response address. The SMBus Alert Response provides
a quick fault identification for simple slave devices. When an Alert occurs, the master can broadcast the Alert
Response slave address (0001 100) with the Read/Write bit set high. Following this Alert Response, any slave
devices that generated an alert will identify themselves by acknowledging the Alert Response and sending their
respective address on the bus.
The Alert Response can activate several different slave devices simultaneously, similar to the I2C General Call. If
more than one slave attempts to respond, bus arbitration rules apply. The losing device does not generate an
Acknowledge and continues to hold the Alert line low until the interrupt is cleared.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): INA226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33