データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM78 データシート(PDF) 21 Page - Texas Instruments

部品番号 LM78
部品情報  LM340-N/LM78XX Series 3-Terminal Positive Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM78 データシート(HTML) 21 Page - Texas Instruments

Back Button LM78 Datasheet HTML 17Page - Texas Instruments LM78 Datasheet HTML 18Page - Texas Instruments LM78 Datasheet HTML 19Page - Texas Instruments LM78 Datasheet HTML 20Page - Texas Instruments LM78 Datasheet HTML 21Page - Texas Instruments LM78 Datasheet HTML 22Page - Texas Instruments LM78 Datasheet HTML 23Page - Texas Instruments LM78 Datasheet HTML 24Page - Texas Instruments LM78 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM340MP-5.0
SOT-223
DCY
4
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM340MP-5.0/NOPB
SOT-223
DCY
4
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM340MPX-5.0/NOPB
SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM340SX-12
DDPAK/
TO-263
KTT
3
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LM340SX-12/NOPB
DDPAK/
TO-263
KTT
3
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LM340SX-5.0
DDPAK/
TO-263
KTT
3
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LM340SX-5.0/NOPB
DDPAK/
TO-263
KTT
3
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
PACKAGE MATERIALS INFORMATION
www.ti.com
8-Apr-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28