| データシートサーチシステム |
|
LM3410XMFE データシート(PDF) 35 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM3410XMFE データシート(HTML) 35 Page - Texas Instruments |
|
35 / 49 page ![]() VO VIN L1 D1 C1 C2 R1 R3 L2 C3 1 2 3 6 5 4 LM3410 R2 R4 LED(s) FLASH CTRL Q1 Q2 LM3410, LM3410Q www.ti.com SNVS541G – OCTOBER 2007 – REVISED MAY 2013 LM3410X WSON Design Example 9: Camera Flash or Strobe Circuit Application Figure 37. LM3410X (1.6MHz): VIN = 2.7V to 5.5, (VOUT ≊ ≊ 7.5V), ILED ≊ ≊ 1.5A Flash Part ID Part Value Mfg Part Number U1 2.8A ISW LED Driver TI LM3410XSD C1 Input VPWR Cap 10µF, 6.3V, X5R TDK C1608X5R0J106K C2 Output Cap 220µF, 10V, Tanatalum KEMET T491V2271010A2 C3 Cap 10µF, 16V, X5R TDK C3216X5R0J106K D1, Catch Diode 0.43Vf, Schotky, 1.0A, 20VR Diodes Inc DFLS120L L1 3.3µH 2.7A Coilcraft MOS6020-332 R1 1.0k Ω, 1% Vishay CRCW08051001F R2 37.4k Ω, 1% Vishay CRCW08053742F R3 100k Ω, 1% Vishay CRCW08051003F R4 0.15 Ω, 1% Vishay CRCW0805R150F Q1, Q2 30V, ID = 3.9A ZETEX ZXMN3A14F LED’s 500mA, Vf ≊ 3 .6V, IPULSE = 1.5A CREE XREWHT-L1-0000-00901 Copyright © 2007–2013, Texas Instruments Incorporated Submit Documentation Feedback 35 Product Folder Links: LM3410 LM3410Q |